Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACL3225S-R10M-X Datasheet(PDF) 1 Page - TDK Electronics

Part # ACL3225S-R10M-X
Description  INDUCTORS FOR POWER LINE SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACL3225S-R10M-X Datasheet(HTML) 1 Page - TDK Electronics

  ACL3225S-R10M-X Datasheet HTML 1Page - TDK Electronics ACL3225S-R10M-X Datasheet HTML 2Page - TDK Electronics ACL3225S-R10M-X Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
ACL Series ACL3225 Type
For Power Line
SMD
FEATURES
• The ACL series wire-wound chip inductors are magnetically
shielded,
permitting
their
use
in
high-density
mounting
configurations.
• High inductance values are achieved without size increase.
• Low DC resistance ensures high Q.
• The temperature coefficient is low despite the magnetic
shielding. Accordingly, immunity to ambient temperature change
is high.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERNS
ELECTRICAL CHARACTERISTICS
∗1 The rated current is for the smaller of the inductance change due to either temperature increase or DC current superposition.
∗2 X:packaging style (T:Taping[ø180mm reel], TL:Taping[ø330mm reel], B: Bulk)
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)max.
Rated
current∗1
(mA)max.
Part No.
0.01
±20%
10
100
2000
0.19
725
ACL3225S-10nM-X∗2
0.012
±20%
10
100
1750
0.2
705
ACL3225S-12nM-X
0.015
±20%
10
100
1550
0.23
655
ACL3225S-15nM-X
0.018
±20%
15
100
1450
0.25
630
ACL3225S-18nM-X
0.022
±20%
15
100
1300
0.28
595
ACL3225S-22nM-X
0.027
±20%
15
100
1150
0.3
575
ACL3225S-27nM-X
0.033
±20%
15
100
1040
0.34
540
ACL3225S-33nM-X
0.039
±20%
20
100
950
0.37
515
ACL3225S-39nM-X
0.047
±20%
20
100
850
0.41
490
ACL3225S-47nM-X
0.056
±20%
20
100
770
0.47
460
ACL3225S-56nM-X
0.068
±20%
20
100
740
0.5
445
ACL3225S-68nM-X
0.082
±20%
20
100
600
0.55
425
ACL3225S-82nM-X
0.1
±20%
30
100
510
0.64
395
ACL3225S-R10M-X
0.12
±10%
35
25.2
580
0.24
645
ACL3225S-R12K-X
0.15
±10%
35
25.2
470
0.26
620
ACL3225S-R15K-X
0.18
±10%
35
25.2
400
0.29
585
ACL3225S-R18K-X
0.22
±10%
40
25.2
340
0.33
550
ACL3225S-R22K-X
0.27
±10%
40
25.2
290
0.37
515
ACL3225S-R27K-X
0.33
±10%
40
25.2
250
0.39
505
ACL3225S-R33K-X
0.39
±10%
40
25.2
220
0.42
485
ACL3225S-R39K-X
0.47
±10%
50
25.2
200
0.46
465
ACL3225S-R47K-X
0.56
±10%
50
25.2
180
0.51
440
ACL3225S-R56K-X
0.68
±10%
50
25.2
155
0.55
425
ACL3225S-R68K-X
0.82
±10%
50
25.2
140
0.6
405
ACL3225S-R82K-X
1
±10%
50
25.2
130
0.68
380
ACL3225S-1R0K-X
1.2
±10%
60
7.96
150
0.52
435
ACL3225S-1R2K-X
1.5
±10%
60
7.96
130
0.59
360
ACL3225S-1R5K-X
1.8
±10%
60
7.96
120
0.64
330
ACL3225S-1R8K-X
2.2
±10%
60
7.96
105
0.71
310
ACL3225S-2R2K-X
2.7
±10%
60
7.96
90
0.77
300
ACL3225S-2R7K-X
3.3
±10%
60
7.96
80
0.85
240
ACL3225S-3R3K-X
3.9
±10%
60
7.96
70
0.94
230
ACL3225S-3R9K-X
4.7
±10%
60
7.96
60
1
220
ACL3225S-4R7K-X
Resin
Ferrite
Terminal
electrode
2.5
±0.2
0.7
±0.2
3
3.2
±0.2
Weight: 90mg
1.2
1.6
1.2
1.55
1.4
1.55
Dimensions in mm
REFLOW SOLDERING
FLOW SOLDERING


Similar Part No. - ACL3225S-R10M-X

ManufacturerPart #DatasheetDescription
logo
Mersen
ACL30 MERSEN-ACL30 Datasheet
383Kb / 2P
Forklift Truck Fuses
ACL35 MERSEN-ACL35 Datasheet
383Kb / 2P
Forklift Truck Fuses
More results

Similar Description - ACL3225S-R10M-X

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
Inductors For Power Line SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
Inductors For Power Line SMD
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
Inductors For Power Line SMD
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
SMD Inductors For Power Line
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
SMD Inductors For Power Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com