Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2AH
Description  2A, 50V - 1400V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2AH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S2AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S2AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S2AH
– S2VH
Taiwan Semiconductor
1
Version: A2102
2A, 50V - 1400V Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.090g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
50 - 1400
V
IFSM
50
A
TJ MAX
150
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S2A
H
S2B
H
S2D
H
S2G
H
S2J
H
S2K
H
S2M
H
S2Q
H
S2V
H
UNIT
Marking code on the device
S2A S2B S2D S2G S2J
S2K S2M S2Q S2V
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800 1000 1200 1400
V
Reverse voltage, total rms value
VR(RMS)
35
70
140
280
420
560
700
840
980
V
Forward current
IF
2
A
Surge peak forward current, 8.3ms
single half sine-wave superimposed
on rated load
IFSM
50
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - S2AH

ManufacturerPart #DatasheetDescription
logo
T&S Brass. All Rights R...
S2AH TS-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
More results

Similar Description - S2AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
50V, 2A Rectifier
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G_16 Datasheet
185Kb / 4P
2A, 50V - 1400V Glass Passivated Bridge Rectifiers
DBLS201G TSC-DBLS201G_16 Datasheet
204Kb / 4P
2A, 50V - 1400V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S2A TMT-S2A_16 Datasheet
372Kb / 4P
2A, 50V - 1400V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
2A, 50V - 1000V Surface Mount Rectifiers
logo
T&S Brass. All Rights R...
S2AH TS-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
2A, 50V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com