Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1MLWH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1MLWH
Description  1A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1MLWH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1MLWH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1MLWH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1MLWH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1MLWH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1MLWH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1DLWH
– S1MLWH
Taiwan Semiconductor
1
Version: A2103
1A, 200V - 1000V Standard Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Ideal for automated placement
● Compact package size
● High surge current capability
● Low power loss, high efficiency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: SOD-123W
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.019g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
200 - 1000
V
IFSM
30
A
TJ MAX
175
°C
Package
SOD-123W
Configuration
Single die
SOD-123W
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL S1DLWH S1GLWH S1JLWH S1KLWH S1MLWH UNIT
Marking code on the device
1DLW
1GLW
1JLW
1KLW
1MLW
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
1
A
Peak forward surge current,
8.3ms single half sine-wave
superimposed on rated load
IFSM
30
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - S1MLWH

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1MLW TMT-S1MLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1MLW TSC-S1MLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
More results

Similar Description - S1MLWH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1DFS TSC-RS1DFS Datasheet
317Kb / 5P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1DLWH TS-S1DLWH Datasheet
427Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DF-T TS-S1DF-T Datasheet
428Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DF-T TSC-S1DF-T Datasheet
428Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DFSH TSC-S1DFSH Datasheet
426Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DAL TSC-S1DAL Datasheet
436Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com