Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACL3225S-R22K-X Datasheet(PDF) 3 Page - TDK Electronics

Part # ACL3225S-R22K-X
Description  INDUCTORS FOR POWER LINE SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACL3225S-R22K-X Datasheet(HTML) 3 Page - TDK Electronics

  ACL3225S-R22K-X Datasheet HTML 1Page - TDK Electronics ACL3225S-R22K-X Datasheet HTML 2Page - TDK Electronics ACL3225S-R22K-X Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
531_ACL3225
980622
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
ACL Series ACL3225 Type
For Power Line
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY
INDUCTANCE CHANGE vs. DC
IMPEDANCE vs. FREQUENCY
CHARACTERISTICS
SUPERPOSITION CHARACTERISTICS
CHARACTERISTICS
COUPLING FACTORS
10
5
1
0.5
0.1
0.05
0.01
1
5
10
50
100
500 1000
Frequency(MHz)
Test equipment:
YHP4191A: up to 10
µH
2.2
µH
0.56
µH
0.22
µH
0.056
µH
0.022
µH
0.1
0.5
1
5
10
50 100
Frequency(MHz)
1000
500
100
50
10
5
1
560
µH
220
µH
56
µH
22
µH
5.6
µH
Test equipment:
YHP4194A:12
µH min.
5
1
15 10
50 100
500 1000 5000
DC current(mA)
1000
500
100
50
10
0.5
0.1
0.05
0.01
560
µH
200
µH
56
µH
22
µH
5.6
µH
2.2
µH
0.56
µH
0.22
µH
0.056
µH
0.022
µH
1
5
10
50 100
500 1000
Frequency(MHz)
100
50
10
5
1
0.5
0.1
Test equipment:
YHP4191A: up to 10
µH
YHP4194A:12
µH
560
µH
0.56
µH
0.056
µH
56
µH
5.6
µH
A
Lx
L
C
DC
power
supply
Test
equipment
Test equipment:
YHP4275A
(f=10kHz)
L: 5H
C: 20000
µF
L x: Test sample
2
1
0
–1
–2
–20
0
20406080
100
Temperature(°C)
330
µH
0.033
µH
33
µH
0.33
µH
3.3
µH
500
100
50
10
0.1
0.5 1
5
10
50 100
500
Frequency(MHz)
560
µH
56
µH
5.6
µH
0.56
µH
0.056
µH
MEASURING CIRCUIT
INDUCTANCE CHANGE vs.
Q vs. FREQUENCY CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
0.005 0.01
0.05 0.1
0.5 1
5 10
50 100
500 1000
Inductance(mH)
10
5
1
0.5
0.1
0.05
Gap=1mm
Measuring
conditions
Test equipment
Test frequency
Coupling
factor
MIL-C -15305E
# 4, 8, 8, 4
YHP 4275A
L
1
µH at 100kHz
1
µH<L 100µH at 10kHz
100
µH<L at 1kHz
(%)=M
÷( L1•L2)×100
M= (Lt1–Lt 2)
4
Lt1=L1+L 2+2M
Lt 2=L1+L 2 –12M
L1
L 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com