Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7608 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7608
Description  Wide Input Voltage Range, Linear LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7608 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7608 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7608
Maximizing IC Performance
Wide Input Voltage Range, Linear LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev 0.90
Tel: 86-10-62662828
Copyright © 2020 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7608 is a high efficiency, high PF (PF>0.7),
linear LED driver with wide input voltage range.
The output constant current can be achieved by
simple system structure with a few peripheral
components, which greatly reduce the system
cost.
MT7608 integrates twin constant current control
loops, which makes it can support 108Vac to
265Vac wide input voltage range.
Embedded with high voltage power MOSFET
and JFET supply circuit, the peripheral circuit is
further simplified.
MT7608 integrates thermal regulation function to
balance
the
output
power
and
system
temperature. The output current will be reduced
while the junction temperature goes higher than
the threshold, system reliability is guaranteed.
FEATURES
Embedded with high voltage power supply
circuit
Integrated with 500V power MOSFET
Support wide input voltage range
High power factor (PF>0.7)
Few external components, low BOM cost,
support all SMD design
LED current can be set by external resistor
Embedded thermal regulation function
Available in ESOP8 package
APPLICATION
LED candle, filament lamp
LED Bulb, projection lamp
Other compact LED lightings
TYPICAL APPLICATION CIRCUIT
MT7608
GND1
RSET2
GND2
NC
RSET1
4
3
2
1
5
6
7
8
C1
DRN2
DRN1
LED
VAC
BD1
RSET1
NC
FU1
RSET2
C2
D1
D2


Similar Part No. - MT7608

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7603 MAXIC-MT7603 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603E MAXIC-MT7603E Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603 MAXIC-MT7603_V01 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
More results

Similar Description - MT7608

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
Wide Input Range Buck LED Driver
logo
Allegro MicroSystems
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
SHANGHAI BELLING CO., L...
BL8585 BELLING-BL8585 Datasheet
168Kb / 6P
WIDE RANGE, LINEAR LED DRIVER
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
LED DRIVER wide input and output voltage range SMT package
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
ON Semiconductor
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785B ONSEMI-NCP785B Datasheet
132Kb / 8P
Wide Input Voltage Range PSRR Linear Regulator
February, 2014 ??Rev. P0
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
logo
ON Semiconductor
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com