Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7641B Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7641B
Description  LED Current Ripple Remover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7641B Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7641B Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7641B
Maximizing IC Performance
LED Current Ripple Remover
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2018 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7641B is a controller for removing LED
100/120Hz current ripple. Through the internal
low-pass filter removes low frequency current
ripple and LED flicker.
MT7641B integrates startup circuit to shorten the
time of reaching a stable state. The output
current is less than 40mA. Connect multiple
MT7641B in parallel to realize a higher output
current.
MT7641B is available in SOT23-3 package,
especially suitable for small size lamps.
FEATURES
Low-pass filter to remove current ripple
Quick start
Multiple chips connected in parallel to
increase output current
Available in SOT23-3 packages
APPLICATIONS
No flicker LED lighting applications
Typical Application Circuit
LED1
CAP
VSS
DRN
MT7641B
C2
Vin+
LEDn
Vin-
Cout
LED+
LED-


Similar Part No. - MT7641B

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7641C MAXIC-MT7641C Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
LED Current Ripple Remover
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7641F MAXIC-MT7641F Datasheet
75Kb / 1P
LED Current Ripple Remover
More results

Similar Description - MT7641B

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7636 MAXIC-MT7636 Datasheet
164Kb / 1P
LED Current Ripple Remover
MT7638 MAXIC-MT7638 Datasheet
113Kb / 1P
LED Current Ripple Remover
logo
Bright Power Semiconduc...
BP5609 BPS-BP5609 Datasheet
147Kb / 2P
LED CURRENT RIPPLE REMOVER
logo
Maxic Technology Corpor...
MT7641C MAXIC-MT7641C Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
LED Current Ripple Remover
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7641F MAXIC-MT7641F Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BE MAXIC-MT7642BE Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BT MAXIC-MT7642BT Datasheet
76Kb / 1P
LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
LED Current Ripple Remover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com