Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7642BE Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7642BE
Description  LED Current Ripple Remover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7642BE Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7642BE Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7642BE
Maximizing IC Performance
LED Current Ripple Remover
Email: sales@maxictech.com
www.maxictech.com
Rev. 0.95
Tel: 86-10-62662828
Copyright © 2020 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7642BE is a controller for removing LED
100/120Hz current ripple. Through the internal
low-pass filter removes low frequency current
ripple and LED flicker.
MT7642BE integrates startup circuit to shorten
the time of reaching a stable state. The
maximum output current is 90mA. Connect
multiple MT7642BE in parallel to realize a higher
output current.
MT7642BE is available in ESOP8 package.
FEATURES
Low-pass filter to remove current ripple
Quick start
Multiple chips connected in parallel to
increase output current
Available in ESOP8 packages
APPLICATIONS
No flicker LED lighting applications
Typical Application Circuit
LED1
CAP
VSS
DRN
MT7642BE
C2
Vin+
LEDn
Vin-
Cout
LED+
LED-


Similar Part No. - MT7642BE

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7642BT MAXIC-MT7642BT Datasheet
76Kb / 1P
LED Current Ripple Remover
More results

Similar Description - MT7642BE

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7636 MAXIC-MT7636 Datasheet
164Kb / 1P
LED Current Ripple Remover
MT7638 MAXIC-MT7638 Datasheet
113Kb / 1P
LED Current Ripple Remover
logo
Bright Power Semiconduc...
BP5609 BPS-BP5609 Datasheet
147Kb / 2P
LED CURRENT RIPPLE REMOVER
logo
Maxic Technology Corpor...
MT7641B MAXIC-MT7641B Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7641C MAXIC-MT7641C Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
LED Current Ripple Remover
MT7641ER MAXIC-MT7641ER Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7641F MAXIC-MT7641F Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BT MAXIC-MT7642BT Datasheet
76Kb / 1P
LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
LED Current Ripple Remover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com