Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACL3225S-R39K-X Datasheet(PDF) 2 Page - TDK Electronics

Part # ACL3225S-R39K-X
Description  INDUCTORS FOR POWER LINE SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACL3225S-R39K-X Datasheet(HTML) 2 Page - TDK Electronics

  ACL3225S-R39K-X Datasheet HTML 1Page - TDK Electronics ACL3225S-R39K-X Datasheet HTML 2Page - TDK Electronics ACL3225S-R39K-X Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
ACL Series ACL3225 Type
For Power Line
SMD
ELECTRICAL CHARACTERISTICS
∗1 The rated current is for the smaller of the inductance change due to either temperature increase or DC current superposition.
∗2 X:packaging style (T:Taping[ø180mm reel], TL:Taping[ø330mm reel], B: Bulk)
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)max.
Rated
current∗1
(mA)max.
Part No.
5.6
±10%
60
7.96
52
1.1
180
ACL3225S-5R6K-X∗2
6.8
±10%
60
7.96
44
1.25
160
ACL3225S-6R8K-X
8.2
±10%
60
7.96
37
1.35
130
ACL3225S-8R2K-X
10
±10%
60
7.96
31
1.5
120
ACL3225S-100K-X
12
±10%
50
2.52
49
1.5
120
ACL3225S-120K-X
15
±10%
50
2.52
30
1.75
120
ACL3225S-150K-X
18
±10%
50
2.52
22
1.95
110
ACL3225S-180K-X
22
±10%
50
2.52
17
2.15
100
ACL3225S-220K-X
27
±10%
50
2.52
14.5
2.35
85
ACL3225S-270K-X
33
±10%
50
2.52
12.5
2.65
85
ACL3225S-330K-X
39
±10%
50
2.52
11.5
2.9
70
ACL3225S-390K-X
47
±10%
50
2.52
10.5
3.15
65
ACL3225S-470K-X
56
±10%
50
2.52
10
3.4
45
ACL3225S-560K-X
68
±10%
50
2.52
9
3.8
55
ACL3225S-680K-X
82
±10%
50
2.52
8.5
4.3
40
ACL3225S-820K-X
100
±10%
50
2.52
7.8
4.7
40
ACL3225S-101K-X
120
±20%
25
0.796
7.6
3.05
14
ACL3225S-121M-X
150
±20%
25
0.796
6.8
3.5
13
ACL3225S-151M-X
180
±20%
25
0.796
6.2
3.95
10
ACL3225S-181M-X
220
±20%
25
0.796
5.6
4.2
10
ACL3225S-221M-X
270
±20%
25
0.796
5.1
4.8
8.5
ACL3225S-271M-X
330
±20%
25
0.796
4.6
5.55
8.5
ACL3225S-331M-X
390
±20%
25
0.796
4.2
6
8
ACL3225S-391M-X
470
±20%
25
0.796
3.7
6.7
8
ACL3225S-471M-X
560
±20%
25
0.796
3.4
7.5
7.5
ACL3225S-561M-X
680
±20%
25
0.796
3.1
8.35
6
ACL3225S-681M-X
820
±20%
25
0.796
2.7
9.55
5.5
ACL3225S-821M-X
1000
±20%
25
0.796
2.4
11
5
ACL3225S-102M-X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com