Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1MLH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1MLH
Description  1A, 50V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1MLH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1MLH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1MLH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1MLH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1MLH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1MLH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1ALH
– S1MLH
Taiwan Semiconductor
1
Version: A2103
1A, 50V - 1000V Standard Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low-profile package
● Low power loss, high efficiency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● General purpose
MECHANICAL DATA
● Case: Sub SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.019g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
50 - 1000
V
IFSM
30
A
TJ MAX
175
°C
Package
Sub SMA
Configuration
Single die
Sub SMA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S1AL
H
S1BL
H
S1DL
H
S1GL
H
S1JL
H
S1KL
H
S1ML
H
UNIT
Marking code on the device
1AL
1BL
1DL
1GL
1JL
1KL
1ML
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
35
70
140
280
420
560
700
V
Forward current
IF
1
A
Peak forward surge current,
8.3ms single half sine-wave
superimposed on rated load
IFSM
30
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - S1MLH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1ML TSC-S1ML Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1ML KEXIN-S1ML Datasheet
795Kb / 2P
Rectifier Diodes
More results

Similar Description - S1MLH

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
1A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
RS1AFL TSC-RS1AFL Datasheet
318Kb / 6P
1A, 50V - 1000V Surface Mount Fast Recovery Rectifier
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
US1AH TSC-US1AH Datasheet
573Kb / 6P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1DLWH TS-S1DLWH Datasheet
427Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1DFSH TSC-S1DFSH Datasheet
426Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
S1AH TSC-S1AH Datasheet
563Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
S1ABH TSC-S1ABH Datasheet
411Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com