Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2FAH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES2FAH
Description  2A, 50V - 600V Super Fast Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2FAH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES2FAH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2FAH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2FAH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2FAH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES2FAH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES2FAH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ES2AAH
– ES2JAH
Taiwan Semiconductor
2
Version: A2102
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
20
°C/W
Junction-to-ambient thermal resistance
RӨJA
75
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage
(1)
ES2AAH
ES2BAH
ES2CAH
ES2DAH
IF = 2A, TJ = 25°C
VF
-
0.95
V
ES2FAH
ES2GAH
-
1.30
V
ES2HAH
ES2JAH
-
1.70
V
Reverse current @ rated VR
(2)
TJ = 25°C
IR
-
10
µA
TJ = 125°C
-
350
µA
Junction capacitance
ES2AAH
ES2BAH
ES2CAH
ES2DAH
1MHz, VR = 4.0V
CJ
25
-
pF
ES2FAH
ES2GAH
ES2HAH
ES2JAH
20
-
pF
Reverse recovery time
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
trr
-
35
ns
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
ES2xAH
DO-214AC (SMA)
7,500 / Tape & Reel
Notes:
1.
“x” defines voltage from 50V(ES2AAH) to 600V(ES2JAH)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com