Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBD10M-R2000-4EP-V1V17 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBD10M-R2000-4EP-V1V17
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD10M-R2000-4EP-V1V17 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBD10M-R2000-4EP-V1V17 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD10M-R2000-4EP-V1V17 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD10M-R2000-4EP-V1V17 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD10M-R2000-4EP-V1V17 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBD10M-R2000-4EP-V1V17 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
Emitter range and receiver range
42
83.5
1
M5
ø 4
20
20
70
106
3 x M5
36.7
Technical Data
General specifications
Measurement range
0.2 ... 3 m (bk 10%)
0.2 to 10 m (wh 90%)
0.2 to 30 m (reflector)
Light source
laser diode
Light type
modulated visible red light
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
1
Wave length
660 nm
Beam divergence
1 mrad
Pulse length
5 ns
Repetition rate
54 kHz
max. pulse energy
< 4 nJ
Measuring method
Pulse Ranging Technology (PRT)
Scan rate
10 Hz, 20 Hz, 30 Hz
Scanning angle
360°
Diameter of the light spot
< 20 mm at 10 m
Ambient light limit
80000 Lux
Functional safety related parameters
MTTFd
75 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
2-D LiDAR Sensor
OBD10M-R2000-4EP-V1V17
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com