Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPF2ABD Datasheet(PDF) 2 Page - Schneider Electric

Part # RPF2ABD
Description  Harmony, Power plug-in relay, 30 A, 2 NO, 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RPF2ABD Datasheet(HTML) 2 Page - Schneider Electric

  RPF2ABD Datasheet HTML 1Page - Schneider Electric RPF2ABD Datasheet HTML 2Page - Schneider Electric RPF2ABD Datasheet HTML 3Page - Schneider Electric RPF2ABD Datasheet HTML 4Page - Schneider Electric RPF2ABD Datasheet HTML 5Page - Schneider Electric RPF2ABD Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Minimum recommended switching
capacity
6000 mW 500 mA / 12 V NO
Operating rate
<= 1200 cycles/hour under load
<= 18000 cycles/hour no-load
Mechanical durability
5000000 cycles
Electrical durability
100000 cycles resistive
Average coil consumption
1.7 W
Drop-out voltage threshold
>= 0.1 Uc
Operate time
25 ms
Release time
25 ms
Average resistance
350 Ohm at 68 °F (20 °C) +/- 10 %
Safety reliability data
B10d = 100000
Protection category
RT II
Test levels
Level A
Operating position
Any position
CAD overall width
1.33 in (33.7 mm)
CAD overall height
2.70 in (68.5 mm)
CAD overall depth
1.54 in (39.2 mm)
Net weight
0.18 lb(US) (0.082 kg)
Device presentation
Complete product
Environment
Dielectric strength
2000 V AC between poles with basic
4000 V AC between coil and contact with reinforced
1500 V AC between contacts with micro disconnection
Standards
CSA C22.2 No 14
UL 508
EN/IEC 61810-1
Product certifications
CSA
CE
GOST
UL
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…131 °F (-40…55 °C)
Vibration resistance
3 gn +/- 1 mm 10…150 Hz)5 cycles in operation
10 gn +/- 1 mm 10…150 Hz)5 cycles not operating
IP degree of protection
IP40 conforming to EN/IEC 60529
Shock resistance
10 gnin operation
30 gnnot operating
Pollution degree
3
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03389119401531
Nbr. of units in pkg.
1
Package weight(Lbs)
3.14 oz (89 g)
Returnability
Yes
Country of origin
CN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.77 in (4.5 cm)
Package 1 width
5.71 in (14.5 cm)
Package 1 Length
7.80 in (19.8 cm)
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com