Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-RR8S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3S-RR8S/Q
Description  Remote I/O R3 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-RR8S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3S-RR8S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3S-RR8S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3S-RR8S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3S-RR8S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3S-RR8S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3S-RR8
R3S-RR8 SPECIFICATIONS
ES-8934 Rev.3 Page 1/5
http://www.m-system.co.jp/
Remote I/O R3 Series
REMOTE CONTROL RELAY CONTROL MODULE
(Do 8 points, tension clamp terminal block)
Functions & Features
• Controls remote control relays for lighting control with
Fieldbus
• Applicable to the remote control relays already installed
• Monitors status of remote control relays with feedback
inputs from signal lines
Typical Applications
• Monitors and controls of lighting in buildings
27.5 (1.08)
130 (5.12)
mm (inch)
120 (4.72)
MODEL: R3S-RR8[1][2]
ORDERING INFORMATION
• Code number: R3S-RR8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3S-RR8W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
8: 8
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Interface Module (model: R3-NC1, NC3, NE1, NM1, NDx,
NF2, NFL1)
Firmware version V2.00 or higher.
R3-NF2 is available with firmware version V0.04 or higher.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: Separable tension clamp terminal (applicable wire
size: 0.2 to 1.5 mm2, stripped length 10 mm)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Output to internal bus or internal power
Input Data Length: 8 bit, 16 bit selectable with DIP switch
Output data length: 8 bit, 16 bit selectable with DIP switch
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED;
OFF in abnormality; ON in normal operating conditions.
Input output status indicator: Red LED;
1 to 8: Output bit status, turns on with bit set ON.
9 to 16: Feedback input status, turns on with the input ON.
OUTPUT SPECIFICATIONS
Number of output: 8 points
Common: All 8 points (12 terminal)
Rated load voltage: 24 V AC ±10 % (supplied by the remote
control transformer)
Load voltage frequency: 50 / 60 Hz
Maximum outputs provided at once: No limit
Output ON duration: 100 msec.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 1
Current consumption: 40 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(output to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the


Similar Part No. - R3S-RR8S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3S-RS4AS MSYSTEM-R3S-RS4AS Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3S-RS4AS/Q MSYSTEM-R3S-RS4AS/Q Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3S-RS4AW MSYSTEM-R3S-RS4AW Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3S-RS4AW/Q MSYSTEM-R3S-RS4AW/Q Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
More results

Similar Description - R3S-RR8S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BS MSYSTEM-R3-BS Datasheet
161Kb / 5P
Remote I/O R3 Series INSTALLATION BASE
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-PS1 MSYSTEM-R3-PS1 Datasheet
100Kb / 3P
Remote I/O R3 Series POWER SUPPLY MODULE
R3Y-DAC16D MSYSTEM-R3Y-DAC16D Datasheet
181Kb / 8P
Remote I/O R3 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com