Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-DC8W/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3S-DC8W/Q
Description  Remote I/O R3 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-DC8W/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3S-DC8W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3S-DC8W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3S-DC8W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3S-DC8W/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3S-DC8W/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3S-DC8
R3S-DC8 SPECIFICATIONS
ES-8941 Rev.3 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE OUTPUT MODULE
(Do 8 points (relay), tension clamp terminal block)
27.5 (1.08)
130 (5.12)
mm (inch)
120 (4.72)
MODEL: R3S–DC8[1][2]
ORDERING INFORMATION
• Code number: R3S-DC8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3S-DC8W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
8: 8
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: Separable tension clamp terminal (applicable wire
size: 0.2 to 1.5 mm2, stripped length 10 mm)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Output 1 to output 2 to output 3 to output 4 to
output 5 to output 6 to output 7 to output 8 to internal bus
or internal power
Output hold setting: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Output status indicator:
1 to 8: Red LED; turns on with the output ON.
9 to 16: Unused
OUTPUT SPECIFICATIONS
Output: Relay contact, 8 points
Common: 1 point 1 common (8 terminals)
Maximum load current: 2.0 A per point
Relay driving power: 24 V DC ±10 %, ≥ 60 mA
Maximum outputs applicable at once: No limit (at 24 V DC)
Contact rating: 250 V AC @ 2 A (cos ø = 1)
30 V DC @ 2 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 500 VA or 60 W
Minimum load: 5 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycle/min.)
When driving an inductive load, external protection is
recommended.
ON delay: ≤ 10 msec.
OFF delay: ≤ 10 msec.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 190 g (0.42 lb)


Similar Part No. - R3S-DC8W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3S-DA16S MSYSTEM-R3S-DA16S Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16S/Q MSYSTEM-R3S-DA16S/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W MSYSTEM-R3S-DA16W Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W/Q MSYSTEM-R3S-DA16W/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DAC16S MSYSTEM-R3S-DAC16S Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results

Similar Description - R3S-DC8W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8D MSYSTEM-R3-DC8D Datasheet
140Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64A MSYSTEM-R3-DC64A Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC32C MSYSTEM-R3-DC32C Datasheet
125Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16A MSYSTEM-R3-DC16A Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16 MSYSTEM-R3-DC16 Datasheet
118Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3Y-DC16 MSYSTEM-R3Y-DC16 Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com