Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-DC8S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3S-DC8S/CE
Description  Remote I/O R3 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-DC8S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3S-DC8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3S-DC8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3S-DC8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3S-DC8S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3S-DC8S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3S-DC8
R3S-DC8 SPECIFICATIONS
ES-8941 Rev.3 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
Communication
Circuit
Output
Circuit
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
*For dual redundant communication.
INTERNAL BUS A
*INTERNAL BUS B
■ Output Connection Examples
1 point 1 common
1
2
Do 1
Do 8
COM 1
COM 8
15
16
Control
Circuit
RUN
LED
ERR
LED
STATUS
INDICATOR
LED
DIP SW
1
2
3
4
5
7
6
8
1
2
Do 1
Do 2
Do 3
Do 4
Do 5
Do 6
Do 7
Do 8
COM 1
COM 2
COM 3
COM 4
COM 5
COM 6
COM 7
COM 8
+24V
+24V
0V
0V
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
24V DC
+ −
+
−
+ −
+
−
Ry
Ry
Ry
Ry
Ry
Ry
Ry
Ry



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com