Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-DC8W/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3S-DC8W/CE
Description  Remote I/O R3 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-DC8W/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3S-DC8W/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3S-DC8W/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3S-DC8W/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3S-DC8W/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3S-DC8W/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3S-DC8
R3S-DC8 SPECIFICATIONS
ES-8941 Rev.3 Page 5/5
https://www.m-system.co.jp/
OUTPUT TERMINAL ASSIGNMENT
PIN No.
FUNCTION
1
Do1
2
COM1
3
Do2
4
COM2
5
Do3
6
COM3
7
Do4
8
COM4
9
Do5
10
COM5
11
Do6
12
COM6
13
Do7
14
COM7
15
Do8
16
COM8
17
+24V
18
+24V
19
0V
20
0V
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com