Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PT4S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-PT4S/Q
Description  Remote I/O R3 Series AC VOLTAGE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PT4S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-PT4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PT4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PT4S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R3-PT4
R3-PT4 SPECIFICATIONS
ES-8398 Rev.6 Page 1/3
http://www.m-system.co.jp/
Remote I/O R3 Series
AC VOLTAGE INPUT MODULE
(4 points, isolated, true RMS sensing)
27.5 (1.08)
130
(5.12)
109
(4.29)
mm (inch)
MODEL: R3-PT4[1][2]
ORDERING INFORMATION
• Code number: R3-PT4[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-PT4W/H/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Frequency
blank: 45 - 65 Hz
/H: 200 Hz – 1.2 kHz
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8398)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3.5 screw terminals (torque 0.8 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to internal
bus or internal power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Input range: Selectable with the side DIP SW
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input abnormality;
Green in normal operating conditions.
Power ON timer: Starts conversion in 10 seconds after the
power is turned on.
Low-end cutout: Converted as 0 % for the input below 2 %
INPUT SPECIFICATIONS
Input: 0 – 250 V AC, 0 – 50 V AC,
Frequency: 45 – 65 Hz
(200 Hz – 1.2 kHz with Option /H)
Input burden: ≤1 VA
Overload capacity: 200 % of rating for 1 minute, 120 %
continuous
Operational range: 0 – 115 % of rating
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)


Similar Part No. - R3-PT4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S MSYSTEM-R3-PA16S Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/A MSYSTEM-R3-PA16S/A Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/CE MSYSTEM-R3-PA16S/CE Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/PRS MSYSTEM-R3-PA16S/PRS Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
More results

Similar Description - R3-PT4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-SV8 MSYSTEM-R3-SV8 Datasheet
127Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4C MSYSTEM-R3-SV4C Datasheet
119Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4B MSYSTEM-R3-SV4B Datasheet
120Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4 MSYSTEM-R3-SV4 Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SSV8N MSYSTEM-R3-SSV8N Datasheet
152Kb / 5P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-WT4B MSYSTEM-R3-WT4B Datasheet
192Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4A MSYSTEM-R3-WT4A Datasheet
193Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3Y-SV8 MSYSTEM-R3Y-SV8 Datasheet
125Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-SV16 MSYSTEM-R3Y-SV16 Datasheet
126Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com