Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PS3K3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-PS3K3
Description  Remote I/O R3 Series POWER SUPPLY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PS3K3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-PS3K3 Datasheet HTML 1Page - M-System Co.,Ltd. R3-PS3K3 Datasheet HTML 2Page - M-System Co.,Ltd. R3-PS3K3 Datasheet HTML 3Page - M-System Co.,Ltd. R3-PS3K3 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-PS3
R3-PS3 SPECIFICATIONS
ES-8358 Rev.12 Page 2/4
https://www.m-system.co.jp/
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 450 g (0.99 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(internal power to power input to RUN contact output to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (RUN contact output)
Installation Category II (power input)
Pollution Degree 2
Internal power to power input: Reinforced insulation
(300 V)
Internal power to RUN contact output: Basic insulation
(300 V)
RoHS Directive
EXTERNAL VIEW
1
2
3
4
5
6
Power LED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com