Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-RR8S/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-RR8S/CE
Description  Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RR8S/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-RR8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-RR8S/CE Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-RR8
R3-RR8 SPECIFICATIONS
ES-8432 Rev.10 Page 3/7
https://www.m-system.co.jp/
INPUT OUTPUT DATA BIT & DATA ALLOCATION
■ OUTPUT DATA BIT: 16 BITS (SW3-4: OFF)
When output data bit is 16 bits, set each output with 2
bits.
The table below shows data allocation.
BIT
SETTING
OPERATION
0, 1
0, 0
No operation
1, 0
Output 1 ON
0, 1
Output 1 OFF
1, 1
Output 1 RESET
2, 3
0, 0
No operation
1, 0
Output 2 ON
0, 1
Output 2 OFF
1, 1
Output 2 RESET
4, 5
0, 0
No operation
1, 0
Output 3 ON
0, 1
Output 3 OFF
1, 1
Output 3 RESET
6, 7
0, 0
No operation
1, 0
Output 4 ON
0, 1
Output 4 OFF
1, 1
Output 4 RESET
8, 9
0, 0
No operation
1, 0
Output 5 ON
0, 1
Output 5 OFF
1, 1
Output 5 RESET
10, 11
0, 0
No operation
1, 0
Output 6 ON
0, 1
Output 6 OFF
1, 1
Output 6 RESET
12, 13
0, 0
No operation
1, 0
Output 7 ON
0, 1
Output 7 OFF
1, 1
Output 7 RESET
14, 15
0, 0
No operation
1, 0
Output 8 ON
0, 1
Output 8 OFF
1, 1
Output 8 RESET
By set t ing wi th 2 bi ts, the module operates as shown above.
ON or OFF can be set consecutively. To output ON twice
successively, set ON (1, 0), RESET (1, 1), and then set ON
(1, 0) again.
■ OUTPUT DATA BIT: 8 BITS (SW3-4: ON)
When output data bit is 8 bits, set each output with 1 bit.
The table below shows data allocation.
BIT
SETTING
OPERATION
0
0
Output 1 OFF
1
Output 1 ON
1
0
Output 2 OFF
1
Output 2 ON
2
0
Output 3 OFF
1
Output 3 ON
3
0
Output 4 OFF
1
Output 4 ON
4
0
Output 5 OFF
1
Output 5 ON
5
0
Output 6 OFF
1
Output 6 ON
6
0
Output 7 OFF
1
Output 7 ON
7
0
Output 8 OFF
1
Output 8 ON
8
-
Unused
9
-
Unused
10
-
Unused
11
-
Unused
12
-
Unused
13
-
Unused
14
-
Unused
15
-
Unused
ON (or OFF) cannot be set consecutively, because when each
bit is “1”, ON is set and when each bit is “0”, OFF is set.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com