Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PD16AS Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R3-PD16AS
Description  Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PD16AS Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R3-PD16AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 6Page - M-System Co.,Ltd. R3-PD16AS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: R3-PD16A
R3-PD16A SPECIFICATIONS
ES-8397 Rev.6 Page 7/7
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
Communication
Circuit
Control
Circuit
Output Circuit
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
*For dual redundant communication.
RUN LED ERR LED
STATUS
INDICATOR LED
DIP SW
1
16
1
18
Do 1
Do 16
15
17 Do 15
14
16 Do 14
13
15 Do 13
12
14 Do 12
11
13 Do 11
10
12 Do 10
9
11 Do 9
8
8 Do 8
7
7 Do 7
6
6 Do 6
5
5 Do 5
4
4 Do 4
3
3 Do 3
2
2 Do 2
1
19
9
10
20
24VDC
L
L
L
L
L
L
L
L
24VDC
24VDC
L
L
L
L
L
L
L
L
COM
COM
+24V
INTERNAL BUS A
*INTERNAL BUS B
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com