Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PC16AS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-PC16AS
Description  Remote I/O R3 Series PULSE OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PC16AS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-PC16AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-PC16AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-PC16AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-PC16AS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3-PC16A
R3-PC16A SPECIFICATIONS
ES-8408 Rev.10 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
Communication
Circuit
Control
Circuit
Output Circuit
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
* For dual redundant communication.
RUN LED ERR LED
STATUS
INDICATOR LED
DIP SW
1
16
1
18
Po 1
Po 16
15
17 Po 15
14
16 Po 14
13
15 Po 13
12
14 Po 12
11
13 Po 11
10
12 Po 10
9
11 Po 9
8
8 Po 8
7
7 Po 7
6
6 Po 6
5
5 Po 5
4
4 Po 4
3
3 Po 3
2
2 Po 2
1
19
9
10
20
24VDC
L
L
L
L
L
L
L
L
24VDC
24VDC
L
L
L
L
L
L
L
L
COM
COM
+24V
INTERNAL BUS A
*INTERNAL BUS B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com