Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PD16CS/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-PD16CS/Q
Description  Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PD16CS/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-PD16CS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-PD16CS/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R3-PD16C
R3-PD16C SPECIFICATIONS
ES-8425 Rev.6 Page 5/7
https://www.m-system.co.jp/
• Data Length: 8 bits
Do 1 through 8 are assigned to Ch1 through 16 as 1:2.
One (1) data sets two (2) outputs. When I/O Mode is in Output Operation (SW2-7: ON), Output Complete Status is not indicated.
Do
WRITE
ONE-SHOT OUTPUT/RESET
Di
OUTPUT COMPLETION STATUS
Do 1
0
Ch1 Output
Di 1
Ch1 Output Completion Status
1
Ch2 Output
Di 2
Ch2 Output Completion Status
Do 2
0
Ch3 Output
Di 3
Ch3 Output Completion Status
1
Ch4 Output
Di 4
Ch4 Output Completion Status
Do 3
0
Ch5 Output
Di 5
Ch5 Output Completion Status
1
Ch6 Output
Di 6
Ch6 Output Completion Status
Do 4
0
Ch7 Output
Di 7
Ch7 Output Completion Status
1
Ch8 Output
Di 8
Ch8 Output Completion Status
Do 5
0
Ch9 Output
Di 9
Ch9 Output Completion Status
1
Ch10 Output
Di 10
Ch10 Output Completion Status
Do 6
0
Ch11 Output
Di 11
Ch11 Output Completion Status
1
Ch12 Output
Di 12
Ch12 Output Completion Status
Do 7
0
Ch13 Output
Di 13
Ch13 Output Completion Status
1
Ch14 Output
Di 14
Ch14 Output Completion Status
Do 8
0
Ch15 Output
Di 15
Ch15 Output Completion Status
1
Ch16 Output
Di 16
Ch16 Output Completion Status
The above table shows the case of Not Swapped (SW2-8: OFF). ON/OFF control output is swapped with its pair when SW2-8
is ON. The following is an example of Do1.
Do
WRITE
ONE-SHOT OUTPUT/RESET
Di
OUTPUT COMPLETION STATUS
Do 1
0
Ch2 Output
Di 2
Ch2 Output Completion Status
1
Ch1 Output
Di 1
Ch1 Output Completion Status
■ CONTINUANCE OUTPUT MODE
Do 1 through 16 are assigned to and Ch1 through 16. When data Do is “1” output is ON and when it is “0” output is OFF.
Output completion status Di is related to Do.
When I/O Mode is in Output Operation (SW2-7: ON), Output Complete Status is not indicated.
Do
CONTINUANCE OUTPUT
Di
OUTPUT COMPLETION STATUS
Do 1
Ch1 Output
Di 1
Ch1 Output Completion Status
Do 2
Ch2 Output
Di 2
Ch2 Output Completion Status
Do 3
Ch3 Output
Di 3
Ch3 Output Completion Status
Do 4
Ch4 Output
Di 4
Ch4 Output Completion Status
Do 5
Ch5 Output
Di 5
Ch5 Output Completion Status
Do 6
Ch6 Output
Di 6
Ch6 Output Completion Status
Do 7
Ch7 Output
Di 7
Ch7 Output Completion Status
Do 8
Ch8 Output
Di 8
Ch8 Output Completion Status
Do 9
Ch9 Output
Di 9
Ch9 Output Completion Status
Do 10
Ch10 Output
Di 10
Ch10 Output Completion Status
Do 11
Ch11 Output
Di 11
Ch11 Output Completion Status
Do 12
Ch12 Output
Di 12
Ch12 Output Completion Status
Do 13
Ch13 Output
Di 13
Ch13 Output Completion Status
Do 14
Ch14 Output
Di 14
Ch14 Output Completion Status
Do 15
Ch15 Output
Di 15
Ch15 Output Completion Status
Do 16
Ch16 Output
Di 16
Ch16 Output Completion Status



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com