Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PC16AW Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-PC16AW
Description  Remote I/O R3 Series PULSE OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PC16AW Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-PC16AW Datasheet HTML 1Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 2Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 3Page - M-System Co.,Ltd. R3-PC16AW Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-PC16A
R3-PC16A SPECIFICATIONS
ES-8408 Rev.10 Page 2/4
https://www.m-system.co.jp/
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■ MANUAL COUNT RESET
1) Remove Network Module or its cables and interrupt
communication with other devices.
2) Turn ON the Count Reset SW (SW3-1).
3) Return the module to the base and turn the power supply
on.
4) ERR LED turns on and the module starts resetting its
counter. When the resetting is complete, the LED turns to
green. DO NOT remove the power while the red LED is on.
The RUN LED starts blinking at the same time.
5) After the green LED is confirmed, turn the power supply
off.
6) Turn OFF the Count Reset SW (SW3-1).
7) Return the Network module onto the base and turn the
power supply on.
Note: Count Reset SW must be turned OFF after this
procedure because the module does not start counting with
ON state.
EXTERNAL VIEW
RUN LED
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
ERR LED
Status Indicator LED
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
■ FRONT VIEW
■ SIDE VIEW
ON
8
7
6
5
4
3
2
1
SW1
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
Count
Reset
OFF
Width
ON
Width
Count Reset SW must be turned off during operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com