Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PD16S/CE Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-PD16S/CE
Description  Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PD16S/CE Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-PD16S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-PD16S/CE Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-PD16
R3-PD16 SPECIFICATIONS
ES-8395 Rev.6 Page 6/7
https://www.m-system.co.jp/
DATA ASSIGNMENT
■ Do DATA
Note: For 8-bit length ON/OFF control mode, Do 9 through Do 16 are unavailable.
0
15
Do 1
Do 2
Do 3
Do 16
■ Di DATA
Note: Di data is not practical discrete input data. It is “output completion status” internal data.
0
15
Di 1
Di 2
Di 3
Di 16
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com