Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PS1P/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-PS1P/CE
Description  Remote I/O R3 Series POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PS1P/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-PS1P/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-PS1P/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-PS1P/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R3-PS1
R3-PS1 SPECIFICATIONS
ES-8359 Rev.13 Page 1/3
https://www.m-system.co.jp/
Remote I/O R3 Series
POWER SUPPLY MODULE
(single slot, continuous output current 750 mA)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-PS1-[1][2]
ORDERING INFORMATION
• Code number: R3-PS1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-PS1-R/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
(CE not available)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
(CE Not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal power output: Via the Installation Base (model: R3-
BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: Internal power to power input to RUN contact
output to FG
Power indicator LED: Green LED turns on when the power is
supplied.
■ RUN CONTACT OUTPUT
RUN contact: Turns on (closed) while the power is supplied.
(Available with Ver.1.01 or higher versions)
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
INSTALLATION
Power consumption (Output current: 750 mA @ 20 V DC)
•AC: Approx. 45 VA
•DC: Approx. 29 W or 1.2 A at 24 V
Output current: 750 mA continuous at 20 V DC; 1000 mA for
10 minutes
(Total current continuously consumed at the network
modules and I/O modules must be within 750 mA.)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 250 g (0.55 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(internal power to power input to RUN contact output to FG)


Similar Part No. - R3-PS1P/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-PS3 MSYSTEM-R3-PS3 Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
R3-PS3K MSYSTEM-R3-PS3K Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
R3-PS3K/B MSYSTEM-R3-PS3K/B Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
R3-PS3K/CE MSYSTEM-R3-PS3K/CE Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
R3-PS3K/Q MSYSTEM-R3-PS3K/Q Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
More results

Similar Description - R3-PS1P/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
R3-PS3 MSYSTEM-R3-PS3 Datasheet
115Kb / 4P
Remote I/O R3 Series POWER SUPPLY MODULE
R3-WTU MSYSTEM-R3-WTU Datasheet
157Kb / 4P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT4B MSYSTEM-R3-WT4B Datasheet
192Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT1B MSYSTEM-R3-WT1B Datasheet
184Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1 MSYSTEM-R3-WT1 Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com