Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA16S/A Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-PA16S/A
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA16S/A Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-PA16S/A Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA16S/A Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA16S/A Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA16S/A Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA16S/A Datasheet HTML 5Page - M-System Co.,Ltd. R3-PA16S/A Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R3-PA16
R3-PA16 SPECIFICATIONS
ES-8389 Rev.12 Page 2/6
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Number of input: 16 points
Input resistance: 6 kΩ
Common: Negative commons, all points
Maximum frequency: 100 Hz (ON/OFF time ≥ 5 msec.)
This unit is designed to be able to accept a frequency up to
100 Hz, however, ‘chattering’ contact must be avoided for
accurate measuring of such high frequency. Use mercury
relays or similar ones that do not cause any chattering.
Totalized pulse range: 1 – 10000 (‘0’ at reset)
Max. pulse range selectable from 1 to 65535 using the
R3CON PC Configurator Software. Refer to the R3CON Users
Manual for detailed information.
Count at overflow: Reset and restart at ‘1.’
■ R3-PA16x (internal excitation)
Sensing voltage: 13 V DC (max. 24 V with no load)
ON current: ≥ 1.5 mA (≤ 1.5 kΩ)
OFF current: ≤ 0.75 mA (≥ 18 kΩ)
■ R3-PA16x/A (external excitation)
Sensing voltage: 24 V DC
ON current: ≥ 1.5 mA (≤ 12 kΩ)
OFF current: ≤ 0.75 mA (≥ 36 kΩ)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16
Current consumption:
R3-PA16x: 100 mA
R3-PA16x/A: 80 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■ MANUAL COUNT RESET
1) Remove Network Module or its cables and interrupt
communication with other devices.
2) Turn ON the Count Reset SW.
3) Return the module to the base and turn the power supply
on.
4) ERR LED turns on and the module starts resetting its
counter. When the resetting is complete, the LED turns to
green. DO NOT remove the power while the red LED is on.
The RUN LED starts blinking at the same time.
5) After the green LED is confirmed, turn the power supply
off.
6) Turn OFF the Count Reset SW.
7) Return the Network module onto the base and turn the
power supply on.
Note: Count Reset SW must be turned OFF after this
procedure because the module does not start counting with
ON state.
■ REMOTE COUNT RESET INPUT
With the Count Reset Input SW (SW3-3) turned ON, the Pi 16
pulse input can be used to remotely reset the count values.
SW3-3 = OFF: Pi 16 is used as a pulse input.
SW3-3 = ON: Pi 16 is used to reset the count values for the
Pi 1 through Pi 15. One pulse supplied at the Pi 16 will be
recognized as a reset signal.
■ REMOTE COUNT RESET OPERATION
1) ERR LED turns on (red color) when the reset signal is
received.
2) In 1 second, the module starts resetting its counter.
When the resetting is complete, the LED turns to green.
3) After 1 second, ERR LED turns back to the state before
the reset signal has been received.
Note: Reset signals received while the module is processing
(1) through (3) are ignored.
■ COUNT RESET FROM HOST PC/PLC
Refer to “COUNTER SETTING FROM HOST PC/PLC” section
hereafter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com