Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA8S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-PA8S/Q
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA8S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-PA8S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA8S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA8S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA8S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA8S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-PA8
R3-PA8 SPECIFICATIONS
ES-8457 Rev.10 Page 4/5
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
*For dual redundant communication.
**DO NOT use the terminals No. 9, 11 through 17 and 19.
INTERNAL POWER
RUN LED ERR LED
STATUS
INDICATOR LED
Input Circuit
Communication
Circuit
Control
Circuit
DIP SW
1
16
1
18
9
19
Pi 1
10
20
15
17
14
16
13
15
12
14
11
13
10
12
9
11
8
8
Pi 8
7
7
Pi 7
6
6
Pi 6
5
5
Pi 5
4
4
Pi 4
3
3
Pi 3
2
2
Pi 2
0V
+24V
R3-PA8x/A
Input Circuit
1
16
1
18
9
19
Pi 1
10
20
15
17
14
16
13
15
12
14
11
13
10
12
9
11
8
8
Pi 8
7
7
Pi 7
6
6
Pi 6
5
5
Pi 5
4
4
Pi 4
3
3
Pi 3
2
2
Pi 2
0V
R3-PA8x
COM (
+)
Count
Reset
**
**
Count
Reset
**
■
■
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com