Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA16S/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-PA16S/Q
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA16S/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-PA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA16S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-PA16S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R3-PA16
R3-PA16 SPECIFICATIONS
ES-8389 Rev.12 Page 5/6
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
RUN LED ERR LED
STATUS
INDICATOR LED
Input Circuit
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
* For dual redundant communication.
** DO NOT use the terminals No. 9 and 19.
Communication
Circuit
Control
Circuit
DIP SW
1
16
1
18
9
19
Pi 1
Pi 16
10
20
15
17
Pi 15
14
16
Pi 14
13
15
Pi 13
12
14
Pi 12
11
13
Pi 11
10
12
Pi 10
9
11
Pi 9
8
8
Pi 8
7
7
Pi 7
6
6
Pi 6
5
5
Pi 5
4
4
Pi 4
3
3
Pi 3
2
2
Pi 2
COM(+)
0V
+24V
■ OPTION: /A
Input Circuit
1
16
1
18
9
19
Pi 1
Pi 16
10
20
15
17
Pi 15
14
16
Pi 14
13
15
Pi 13
12
14
Pi 12
11
13
Pi 11
10
12
Pi 10
9
11
Pi 9
8
8
Pi 8
7
7
Pi 7
6
6
Pi 6
5
5
Pi 5
4
4
Pi 4
3
3
Pi 3
2
2
Pi 2
0V
■ OPTION: Blank
**
INTERNAL BUS A
INTERNAL BUS B *



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com