Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR1000-R3-E2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBR1000-R3-E2
Description  Retroreflective sensor with polarization filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR1000-R3-E2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBR1000-R3-E2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR1000-R3-E2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR1000-R3-E2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Retroreflective sensor with polarization filter
OBR1000-R3-E2
Dimensions
Electrical connection
Indicators/operating means
10.8
ø2.6
ø3.2
13.8
3.75
7.5
BN
L+
IN
BU
BK
WH
Q
L-
1 Operating display green
2 Signal display
yellow
3 Emitter
4 Receiver 1
5 Receiver 2
1
2
3
4
5
Model Number
OBR1000-R3-E2
Retroreflective sensor with polarization
filter
with 2 m fixed cable
Features
• 45° cable outlet for maximum
mounting freedom under extremely
tight space constraints
• Improvement in machine availability
with abrasion-resistant, antistatic
glass front
• Integrated polarization filter allows the
detection of reflective objects
• Extremely long detection range paves
the way for new applications
Product information
The nano sensor has been developed for a
broad range of applications. It offers excellent
durability and is exceptionally easy to install.
The housing is compact and, with its 45°
cable outlet, can be installed in the smallest
spaces. New functional principles and func-
tionality open up a range of new options. The
abrasion-resistant lens allows long operating
times close to the moving object.


Similar Part No. - OBR1000-R3-E2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR1000-R3-E2-P PF-OBR1000-R3-E2-P Datasheet
979Kb / 4P
Retroreflective sensor
2023-03-28
More results

Similar Description - OBR1000-R3-E2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ML7-55-3419 PF-ML7-55-3419 Datasheet
312Kb / 3P
Retroreflective sensor with polarization filter
OJ3000-M1K-E23 PF-OJ3000-M1K-E23 Datasheet
776Kb / 5P
Retroreflective sensor with polarization filter
OBR15M-R200-EP-IO-V3 PF-OBR15M-R200-EP-IO-V3 Datasheet
388Kb / 3P
Retroreflective sensor with polarization filter
OBR1000-R2-E0 PF-OBR1000-R2-E0 Datasheet
328Kb / 3P
Retroreflective sensor with polarization filter
OBR2500-12GM40-E4 PF-OBR2500-12GM40-E4 Datasheet
276Kb / 3P
Retroreflective sensor with polarization filter
OBR6000-R103-2EP-IO PF-OBR6000-R103-2EP-IO Datasheet
414Kb / 4P
Retroreflective sensor with polarization filter
OBR15M-R200-2EP-IO-V15 PF-OBR15M-R200-2EP-IO-V15 Datasheet
396Kb / 3P
Retroreflective sensor with polarization filter
OBR15M-R201-2EP-IO-V15 PF-OBR15M-R201-2EP-IO-V15 Datasheet
396Kb / 3P
Retroreflective sensor with polarization filter
OBR7500-R100-EP-IO-V3 PF-OBR7500-R100-EP-IO-V3 Datasheet
442Kb / 4P
Retroreflective sensor with polarization filter
OBR7500-R101-2EP-IO-V31 PF-OBR7500-R101-2EP-IO-V31 Datasheet
472Kb / 4P
Retroreflective sensor with polarization filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com