Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR1500-R3F-E2-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBR1500-R3F-E2-L
Description  Laser retroreflective sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR1500-R3F-E2-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBR1500-R3F-E2-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR1500-R3F-E2-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR1500-R3F-E2-L Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Laser retroreflective sensor
OBR1500-R3F-E2-L
Dimensions
Electrical connection
Receiver
Emitter
12
16
10
BN
L+
L-
BK
BU
Q
Model Number
OBR1500-R3F-E2-L
Laser retroreflective sensor
with 2 m fixed cable
Features
• Very flat design for direct mounting
without mounting bracket
• DuraBeam Laser Sensors - durable
and employable like an LED
• Glare protected with polarization filter
• Very bright, highly visible light spot


Similar Part No. - OBR1500-R3F-E2-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR1500-R3F-E0-L PF-OBR1500-R3F-E0-L Datasheet
505Kb / 3P
Laser retroreflective sensor
More results

Similar Description - OBR1500-R3F-E2-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR25M-R201-2EP-IO-L PF-OBR25M-R201-2EP-IO-L Datasheet
556Kb / 4P
Laser retroreflective sensor
OBR12M-R100-2EP-IO-L PF-OBR12M-R100-2EP-IO-L Datasheet
569Kb / 4P
Laser retroreflective sensor
OBR12M-R101-2EP1-IO-V31-L PF-OBR12M-R101-2EP1-IO-V31-L Datasheet
1Mb / 7P
Laser retroreflective sensor
OBR12M-R101-2EP-IO-L PF-OBR12M-R101-2EP-IO-L Datasheet
607Kb / 4P
Laser retroreflective sensor
OBR25M-R201-EP-IO-V3-L PF-OBR25M-R201-EP-IO-V3-L Datasheet
590Kb / 4P
Laser retroreflective sensor
OBR25M-R200-2EP-IO-V1-L PF-OBR25M-R200-2EP-IO-V1-L Datasheet
580Kb / 4P
Laser retroreflective sensor
OBR25M-R200-2EP-IO-V15-L PF-OBR25M-R200-2EP-IO-V15-L Datasheet
600Kb / 4P
Laser retroreflective sensor
OBR1500-R2F-E0-L PF-OBR1500-R2F-E0-L Datasheet
504Kb / 3P
Laser retroreflective sensor
OBR1500-R2F-E2-L PF-OBR1500-R2F-E2-L Datasheet
504Kb / 3P
Laser retroreflective sensor
OBR2000-R3-E1-L PF-OBR2000-R3-E1-L Datasheet
471Kb / 3P
Laser retroreflective sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com