Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP1237 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RP1237
Description  418.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RP1237 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RP1237 Datasheet HTML 1Page - RF Monolithics, Inc RP1237 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RP1237-110499
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency
Absolute Frequency
fC
2, 3, 4, 5,
417.925
418.075
MHz
Tolerance from 418.000 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
5.7
8.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
13,600
50
Ω Loaded Q
QL
6,500
Temperature Stability
Turnover Temperature
TO
6, 7, 8
47
62
77
°C
Turnover Frequency
fO
fC+21
kHz
Frequency Temp. Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during First Year
|fA|
6
≤ 10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC
Motional Resistance
RM
5, 7, 9
93
152
Ω
Motional Inductance
LM
477.932
µH
Motional Capacitance
CM
0.303334
fF
Shunt Static Capacitance
CO
5, 6, 9
2.0
2.3
2.6
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM P1237
TO39-3 Case
•
Designed for 418.00 MHz Transmitters
•
Nominal Insertion Phase Shift of 180° at Resonance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RP1237 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at
418.0 MHz. The RP1237 is designed specifically for remote-control and wireless security transmitters oper-
ating in the United Kingdom under DTI MPT 1340 and in the USA under FCC Part 15.231 regulations.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
418.0 MHz
SAW
Resonator
RP1237
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The frequency fC is the frequency of minimum IL with the resonator in the specified test fixture in a 50 Ω test system with VSWR ≤ 1.2:1. Typically,
fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488; 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufac-
turer.
5.
Unless noted otherwise, case temperature TC = +25°C± 5°C
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO - TC)
2]. Typically, oscillator T
O is 20° less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance
CO is the measured static (nonmotional) capacitance between either pin 1 and ground or pin 2 and ground. The measurement includes case parasitic
capacitance.
Pb


Similar Part No. - RP1237

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RP12300L103BW VISHAY-RP12300L103BW Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
RP12300L222BW VISHAY-RP12300L222BW Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
RP12300L223BW VISHAY-RP12300L223BW Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
RP12300L472BW VISHAY-RP12300L472BW Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
logo
Murata Manufacturing Co...
RP1236-1 MURATA-RP1236-1 Datasheet
151Kb / 2P
312.0 MHz SAW Resonator
More results

Similar Description - RP1237

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
418.0 MHz SAW Resonator
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
418.0 MHz SAW Resonator
RO3103E MURATA-RO3103E Datasheet
121Kb / 2P
418.0 MHz SAW Resonator
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05649 GOLLEDGE-MA05649 Datasheet
78Kb / 4P
418.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com