Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3015B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SC3015B
Description  550.0 MHz Differential Sine-Wave Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SC3015B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SC3015B Datasheet HTML 1Page - RF Monolithics, Inc SC3015B Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
550.0 MHz
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SC3015B-083004
Electrical Connections
Case Design
All pads consist of 30 microinches (min) electroless gold on 50 micro-
inches (min) electroless nickel over base metal. The metallic center pad
was designed for mechanical support. Grounding of this pad is optional.
Lid symbolization, including terminal 1 locator dot, are in contrasting ink.
Symbolization varies by model number. For purposes of illustration, only
terminal 1 dot is shown.
Footprint
Actual size footprint:
Typical Printed Circuit Board Land Pattern
A typical land pattern for a circuit board is shown below. Grounding of the
metallic center pad is optional.
.
Typical Test Circuit
Timing Definitions
1
2
3
4
8
7
6
5
TOP VIEW
A
B
N
J
L
(X2)
D
(X8)
K
(X8)
C
H
G
M
(X3)
E
F
Typically 0.01" to 0.05" or 0.25 mm to
1.25 mm (8 Places)
(The optimum value of this dimension is
dependent on the PCB assembly process
employed.)
Clock
Under Test
Q
Tektronix
CSA 803
Digitizing
Oscilloscope
Ch 2
ENABLE
Vcc
Q
Ch 1
50
Ω
Trigger
*
*
*Power Splitter, Mini-Circuits ZFSC2-4
0.1
µF
Sine-Wave
Signal Generator
4.7
µH
50
Ω
50
Ω
Vcc
t
PD
Propagation Delay:
50%
ENABLE
Q or Q Output
Amplitude
Envelope
50%
90%
10%
Symmetry:
50%
50%
Q or Q Output
50%
Symmetry as
% of Period
Period
Symmetry as
% of Period
t
PD
Terminal
Number
Connection
1
VCC
2
Ground
3
NC or Ground
4
Q Output
5
Q Output
6
Ground
7
8
ENABLE
LID
Ground
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
13.46
13.97
0.530
0.550
B
9.14
9.66
0.360
0.380
C
2.05 Nominal
0.081 Nominal
D
3.56 Nominal
0.141 Nominal
E
2.24 Nominal
0.088 Nominal
F
1.27 Nominal
0.050 Nominal
G
2.54 Nominal
0.100 Nominal
H
3.05 Nominal
0.120 Nominal
J
1.93 Nominal
0.076 Nominal
K
5.54 Nominal
0.218 Nominal
L
4.32 Nominal
0.170 Nominal
M
4.83 Nominal
0.190 Nominal
N
0.50 Nominal
0.020 Nominal



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com