Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8094 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8094
Description  350MHZ CMOS Rail-to-Rail Output Opamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8094 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8094 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8094 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
V1
4/20
Electrical Performance Characteristics
(G= +2, RF=600Ω, RG=600Ω, and RL=150Ω connected to VS/2, unless otherwise noted. Typical values are at TA =+25°C.)
PARAMETER
CONDITIONS
HM8091/8092/8094/8091N/8092N
TYP
MIN/MAX OVER TEMPERATURE
0
℃
-40
℃to
-40
℃
MIN/
+25
℃
+25
℃
to70
℃
85
℃
to125
℃
UNITS
MAX
DYNAMIC PERFORMANCE
-3dB Small Signal Bandwidth
G = +1, Vo = 0.1V p-p, RF = 24
Ω, R
L = 150Ω
335
MHz
TYP
G = +1, Vo = 0.1V p-p, RF = 24
Ω, R
L = 1kΩ
330
MHz
TYP
G = +2, Vo = 0.1V p-p, RL = 50Ω
79
MHz
TYP
G = +2, Vo = 0.1V p-p, RL = 150Ω
130
MHz
TYP
G = +2, Vo = 0.1V p-p, RL = 1kΩ
165
MHz
TYP
G = +2, Vo = 0.1V p-p,
RL = 10kΩ
172
MHz
TYP
Gain-Bandwidth Product
G = +10, RL = 150Ω
180
MHz
TYP
G = +10, RL = 1kΩ
195
MHz
TYP
Bandwidth for 0.1dB Flatness
G = +2, Vo = 0.1V p-p, RL = 150
Ω, R
F =600Ω
71
MHz
TYP
Slew Rate
G = +1, 2V Output Step
119/-232
V/
μs
TYP
G = +2, 2V Output Step
135/-180
V/
μs
TYP
G = +2, 4V Output Step
142/-206
V/
μs
TYP
Rise-and-Fall Time
G = +2, Vo = 0.2Vp-p, 10% to 90%
3.5
ns
TYP
G = +2, Vo = 2Vp-p, 10% to 90%
8.5
ns
TYP
Settling Time to 0.1%
G = +2, 2V Output Step
35
ns
TYP
Overload Recovery Time
VIN
· G = +VS
14.5
ns
TYP
NOISE/DISTORTION PERFORMANCE
Input Voltage Noise
f = 1MHz
4.3
nV/ Hz
TYP
Differential Gain Error (NTSC)
G = +2, RL = 150Ω
0.004
%
TYP
Differential Phase Error (NTSC)
G = +2, RL = 150Ω
0.08
degree
TYP
DC PERFORMANCE
Input Offset Voltage (VOS)
±2
±8
±8.5
±9
±9.3
mV
MAX
Input Offset Voltage Drift
2
μV/℃
TYP
Input Bias Current (IB)
1
PA
TYP
Input offset Current (IOS)
2
PA
TYP
Open-Loop Gain (AOL)
VO = 0.3V to 4.7V, RL = 150Ω
80
75
74
74
70
dB
MIN
VO = 0.2V to 4.8V, RL = 1kΩ
104
92
91
91
80
dB
MIN
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range (VCM)
-0.2 to +3.8
V
TYP
Common-Mode Rejection Ratio (CMRR)
VCM = -0.1V to +3.5V
80
66
65
65
62
dB
MIN
350MHZ CMOS Rail-to-Rail Output Opamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com