Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452425 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452425
Description  Printed-circuit board connector - BCH-508V-15 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452425 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452425 Datasheet HTML 1Page - PHOENIX CONTACT 5452425 Datasheet HTML 2Page - PHOENIX CONTACT 5452425 Datasheet HTML 3Page - PHOENIX CONTACT 5452425 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/5452425
05/04/2016   Page 1 / 4
Printed-circuit board connector - BCH-508V-15 BK - 5452425
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 15, Pitch: 5.08 mm, Color:
black, Contact surface: Tin, Mounting: Wave soldering
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
71.12 mm
Length of the solder pin
3.9 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
BCH-V
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V


Similar Part No. - 5452425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452420 PHOENIX-5452420 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-10 BK
5452421 PHOENIX-5452421 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-11 BK
5452422 PHOENIX-5452422 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V-12 BK
5452423 PHOENIX-5452423 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V-13 BK
5452424 PHOENIX-5452424 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-14 BK
More results

Similar Description - 5452425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452427 PHOENIX-5452427 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V-17 BK
5452413 PHOENIX-5452413 Datasheet
93Kb / 3P
Printed-circuit board connector - BCH-508V- 3 BK
5452415 PHOENIX-5452415 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V- 5 BK
5452416 PHOENIX-5452416 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V- 6 BK
5452420 PHOENIX-5452420 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-10 BK
5452421 PHOENIX-5452421 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-11 BK
5452422 PHOENIX-5452422 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V-12 BK
5452426 PHOENIX-5452426 Datasheet
86Kb / 3P
Printed-circuit board connector - BCH-508V-16 BK
5452429 PHOENIX-5452429 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-19 BK
5452434 PHOENIX-5452434 Datasheet
88Kb / 4P
Printed-circuit board connector - BCH-508V-24 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com