Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGSSTVF16859V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SLGSSTVF16859V
Description  DDR 13 to 26 Bit Registered Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLGSSTVF16859V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SLGSSTVF16859V Datasheet HTML 1Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTVF16859H/V
4
PRELIMINARY
Data is subject to change.
May 28, 2003
Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to this device. These
ratings are stress specifications only and functional operation of the device at these or other conditions above
those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect product reliability.
Recommended Operating Conditions:
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
VDDQ
2.7
V
VDDQ
Output Supply Voltage
for PC1600/2100/2700
2.3
2.7
VDDQ
Output Supply Voltage for PC3200
2.5
2.6
2.7
VREF
Reference Voltage
for PC1600/2100/2700
1.15
1.25
1.35
VREF
Reference Voltage for PC3200
1.25
1.3
1.35
VTT
Termination Voltage
VREF - 0.04 VREF
VREF + 0.04
VI
Input Voltage
0
VDD
VIH (DC)
DC Input High Voltage
Data
Inputs
VREF + 0.15
VIH (AC)
AC Input High Voltage
VREF + 0.31
VIL (DC)
DC Input Low Voltage
VREF - 0.15
VIL (AC)
AC Input Low Voltage
VREF - 0.31
VIH
Input High Voltage Level
RESET
1.7
VIL
Input Low Voltage Level
0.7
VICR
Common mode Input Range
CLK,
CLK
0.97
1.53
VID
Differential Input Voltage
0.36
VIX
Cross Point Voltage of Differential Clock
Pair
( VDD/2) -
0.2
( VDD/2) +
0.2
IOH
High-Level Output Current
-16
mA
IOL
Low-Level Output Current
16
TA
Operating Free-Air Temperature
0
70
oC
Notes:
1. The input and output negative voltage ratings
may be exceded if the input and output clamp
currents are within limits.
2. Limited to 3.6V Max.
3. The package thermal impedance is calculated
according to JESD 51-7
4. The package thermal impedance is calculated
according to JESD 51-5.
Storage Temperature. . . . . . . . . . . . . . . . . . . . .-65oC to +150oC
Input Voltage1,2. . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to VDD + 0.5
Input Clamp Current. . . . . . . . . . . . . . .. . . . . .-50 mA
Output Clamp Current. . . . . . . . . . . . . . . . . . +50 mA
VDD, VDDQ, or GND Current/Pin. . . .. . . . . . +100 mA
TSSOP (H) Package Thermal Impedance3. . . . 55oC/W
Supply Voltage. . . . . . . . . . . . . . . . .. . . . . . . . .-0.5 to 3.6V
Output Voltage1,2. . . . . . . . . . . . . . . . . . . . . . -0.5 to VDDQ +0.5
Continuous Output Current. . . . . . . . . . . . . . . +50 mA
VLLD2 (V) Package Thermal Impedance4. . . .22oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com