Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMXRT1170CEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMXRT1170CEC
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1170CEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMXRT1170CEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 9Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 10Page - NXP Semiconductors IMXRT1170CEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
i.MX RT1170 introduction
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
7
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
•
The i.MX RT1170 Crossover Processors for Consumer Products Data Sheet (IMXRT1170CEC)
covers parts listed with a “D (Consumer temp)”
ADC
x2
x2
x2
x2
x2
x2
12-bit DAC
x1
x1
x1
x1
x1
x1
ACMP
x4
x4
x4
x4
x4
x4
1 Gb ENET with AVB
x1
x1
x1
x1
x1
x1
1 Gb ENET with TSN
x1
—
—
—
x1
—
10/100 Mb ENET with
1588
x1
x1
x1
x1
x1
x1
USB 2.0 OTG
x2
x2
x2
x2
x2
x2
eMMC 5.0 / SD 3.0
x2
x2
x2
x2
x2
x2
EMV SIM
x2
x2
x2
x2
x2
x2
SAI
x4
x4
x4
x4
x4
x4
DMIC
x8
x8
x8
x8
x8
x8
FlexSPI
x2
x2
x2
x2
x2
x2
UART
x12
x12
x12
x12
x12
x12
I2C
x6
x6
x6
x6
x6
x6
SPI
x6
x6
x6
x6
x6
x6
GPT
x6
x6
x6
x6
x6
x6
PIT
x2
x2
x2
x2
x2
x2
QTimer
x4
x4
x4
x4
x4
x4
FlexPWM
x4
x4
x4
x4
x4
x4
Temp Monitor
x1
x1
x1
x1
x1
x1
Security
Yes
Yes
Yes
Yes
Yes
Yes
Package
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
289 MAPBGA,
14 mm x14
mm, 0.8 mm
pitch
Junction temperature Tj
(
C)
0 to 95
0 to 95
0 to 95
0 to 95
0 to 95
0 to 95
Table 1. Order information (continued)
MIMXRT1176
DVMAA
MIMXRT1175
DVMAA
MIMXRT1172
DVMAA
MIMXRT1171
DVMAA
MIMXRT117H
DVMAA
MIMXRT117F
DVMAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com