Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM3AB2F7 Datasheet(PDF) 2 Page - Schneider Electric

Part # RXM3AB2F7
Description  Harmony, Miniature plug-in relay, 10 A, 3 CO, with LED, with lockable test button, 120 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM3AB2F7 Datasheet(HTML) 2 Page - Schneider Electric

  RXM3AB2F7 Datasheet HTML 1Page - Schneider Electric RXM3AB2F7 Datasheet HTML 2Page - Schneider Electric RXM3AB2F7 Datasheet HTML 3Page - Schneider Electric RXM3AB2F7 Datasheet HTML 4Page - Schneider Electric RXM3AB2F7 Datasheet HTML 5Page - Schneider Electric RXM3AB2F7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10 A 28 V DC
Maximum switching capacity
2500 VA/280 W
Minimum switching capacity
170 mW 10 mA, 17 V
Operating rate
<= 1200 cycles/hour under load
<= 18000 cycles/hour no-load
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles resistive
Average coil consumption in VA
1.2 60 Hz
Average consumption
1.2 VA 60 Hz
Drop-out voltage threshold
>= 0.15 Uc
Operate time
20 ms
Release time
20 ms
Average coil resistance
3630 Ohm 20 °C +/- 15 %
Rated operational voltage limits
96...132 V AC
Safety reliability data
B10d = 100000
Protection category
RT I
Test levels
Level A
Operating position
Any position
CAD overall height
3.11 in (79 mm)
CAD overall depth
3.09 in (78.45 mm)
Net weight
0.08 lb(US) (0.037 kg)
Device presentation
Complete product
Environment
Dielectric strength
1300 V AC between contacts with micro disconnection
2000 V AC between coil and contact
2000 V AC between poles
Product certifications
CE
GOST
UL
Lloyd's
CSA
Standards
UL 508
EN/IEC 61810-1
CSA C22.2 No 14
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…131 °F (-40…55 °C)
Vibration resistance
3 gn +/- 1 mm 10…150 Hz)5 cycles in operation
5 gn +/- 1 mm 10…150 Hz)5 cycles not operating
IP degree of protection
IP40 conforming to EN/IEC 60529
Shock resistance
10 gnin operation
30 gnnot operating
Pollution degree
2
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03389119403665
Nbr. of units in pkg.
10
Package weight(Lbs)
0.08 lb(US) (0.04 kg)
Returnability
Yes
Country of origin
CN
Packing Units
Package 1 Height
0.410 dm
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com