Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXV100S-F200-R4-V19 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PXV100S-F200-R4-V19
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PXV100S-F200-R4-V19 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PXV100S-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PXV100S-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PXV100S-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Optical reading head
PXV100S-F200-R4-V19
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Technical data
General specifications
Passage speed v
≤ 8 m/s
Measuring range
max. 10000 m
Light type
Integrated LED lightning (red)
Scan rate
100 s-1
Read distance
100 mm
Depth of focus
+ 20 mm / - 40 mm
Reading field
115 mm x 73 mm
Ambient light limit
100000 Lux
Accuracy
± 0.2 mm
Nominal ratings
Camera
Type
CMOS , Global shutter
Processor
Clock pulse frequency
600 MHz
Speed of computation
4800 MIPS
Functional safety related parameters
MTTFd
100 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LED indication
7 LEDs (communication, alignment aid, status information)
Electrical specifications
Operating voltage UB
15 ... 30 V DC , PELV
No-load supply current I0
max. 200 mA
Power consumption P0
3 W
Interface
Interface type
RS 485 interface
Data output code
binary code
Transfer rate
38400 ... 230400 Bit/s
Termination
Switchable terminal resistor
Query cycle time
≥ 10 ms
Interface 2
Interface type
USB Service
Input
Input type
1 to 3 functional inputs , programmable
Input impedance
≥ 27 kΩ
Output
Output type
1 to 3 switch outputs , PNP , programmable , short-circuit
protected
Switching voltage
Operating voltage
Switching current
150 mA each output
Standard conformity
Emitted interference
EN 61000-6-4:2007+A1:2011
Noise immunity
EN 61000-6-2:2005
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F) , -20 ... 60 °C (-4 ... 140 °F)
(noncondensing; prevent icing on the lens!)
Storage temperature
-20 ... 85 °C (-4 ... 185 °F)
Relative humidity
90 % , noncondensing
Mechanical specifications
Connection type
8-pin, M12 x 1 connector
Housing width
70 mm
Housing height
70 mm
Housing depth
50 mm
Degree of protection
IP67
Material
Housing
PC/ABS
Mass
approx. 160 g
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source,
Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36
V
Model number
PXV100S-F200-R4-V19
Read head for incident light positioning
system
Features
• RS-485 interface
• Non-contact positioning on Data
Matrix code tape
• Mechanically rugged: no wearing
parts, long operating life,
maintenance-free
• High resolution and precise
positioning, especially for facilities
with curves and switch points as well
as inclines and declines.
• Travel ranges up to 10 km
Diagramms
System components
PXV*-CA25-*
Data Matrix code tape
000 009.0
m PXV-AA25
www.pepper
l-fuchs.com
Y
X
Position Data


Similar Part No. - PXV100S-F200-R4-V19

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PXV100S-F200-SSI-EX PF-PXV100S-F200-SSI-EX Datasheet
1Mb / 4P
Optical reading head
PXV100S-F200-SSI-V19 PF-PXV100S-F200-SSI-V19 Datasheet
403Kb / 3P
Optical reading head
More results

Similar Description - PXV100S-F200-R4-V19

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PXV100-F200-B25-V1D PF-PXV100-F200-B25-V1D Datasheet
1Mb / 6P
Optical reading head
PXV100-F200-R4-V19-EX PF-PXV100-F200-R4-V19-EX Datasheet
1Mb / 4P
Optical reading head
PXV100S-F200-SSI-EX PF-PXV100S-F200-SSI-EX Datasheet
1Mb / 4P
Optical reading head
PCV80-F200-R4-V15-LS221 PF-PCV80-F200-R4-V15-LS221 Datasheet
343Kb / 3P
Optical reading head
PCV100-F200-B6-V15B-6011 PF-PCV100-F200-B6-V15B-6011 Datasheet
412Kb / 3P
Optical reading head
PCV50-F200-B17-V1D PF-PCV50-F200-B17-V1D Datasheet
1Mb / 6P
Optical reading head
PCV80-F200-R4-V19 PF-PCV80-F200-R4-V19 Datasheet
341Kb / 3P
Optical reading head
PCV80I-F200-R4-V19 PF-PCV80I-F200-R4-V19 Datasheet
342Kb / 3P
Optical reading head
PCV100-F200-SSI-V19 PF-PCV100-F200-SSI-V19 Datasheet
372Kb / 3P
Optical reading head
PGV100R-F213-B16-1.5M PF-PGV100R-F213-B16-1.5M Datasheet
1Mb / 4P
Optical reading head
2022-10-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com