Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-SS8W/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3Y-SS8W/Q
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SS8W/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3Y-SS8W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SS8W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SS8W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SS8W/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3Y-SS8
R3Y-SS8 SPECIFICATIONS
ES-8958 Rev.11 Page 2/4
https://www.m-system.co.jp/
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input 1 to input 2
to input 3 to input 4 to input 5 to input 6 to input 7 to input
8 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
0 – 20 mA
-20 – +20 mA
RANGE
RATE
160 msec.
80 msec.
40 msec.
20 msec.
±0.05%
±0.1%
±0.2%
±0.4%
±0.1%
±0.2%
±0.4%
±0.8%
4 – 20 mA
±0.1%
±0.2%
±0.4%
±0.8%
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
■ FRONT VIEW
■ SIDE VIEW
RUN LED
ERR LED
Input Connector
• Pin Assignment
B
20
A
20
B
1
A
1
SW2
SW1
ON
1
2
3
4
5
6
7
8
ON
ON
1
2
3
4
5
6
7
8
SW3
1
2
3
4
Range
Input 1-4 (SW1)
or
Input 5-8 (SW2)
Conv.
Rate
Functions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com