Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-DS8NS/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-DS8NS/Q
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DS8NS/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-DS8NS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3Y-DS4
R3Y-DS4 SPECIFICATIONS
ES-8966 Rev.3 Page 3/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INPUT 1
250Ω
+
–
–
CURRENT INPUT
+
2W-XMTR (EXC)
INTERNAL
POWER
*For dual redundant communication.
INPUT 2
250Ω
+
–
–
CURRENT INPUT
+
2W-XMTR (EXC)
INPUT 3
250Ω
+
–
–
CURRENT INPUT
+
2W-XMTR (EXC)
INPUT 4
250Ω
+
–
–
CURRENT INPUT
+
2W-XMTR (EXC)
20A/20B
18A/18B
19A/19B
17A/17B
16A/16B
14A/14B
15A/15B
13A/13B
10A/10B
8A/8B
9A/9B
7A/7B
6A/6B
4A/4B
5A/5B
3A/3B
Caution
Input value is less than -15% for the open input, then the host PC/PLC recognizes and configures this as error.
The unused channels can be specified and configured with the PC Configurator Software (model: R3CON).
Control
Circuit
Communication
Circuit
Excitation
Supply
Input Circuit
Excitation
Supply
Input Circuit
Excitation
Supply
Input Circuit
Excitation
Supply
Input Circuit
DIP SW
RUN LED ERR LED
12A/12B
2A/2B
11A/11B
1A/1B
INTERNAL BUS A
INTERNAL BUS B*
INPUT CONNECTOR (40-pin)
PIN No.
ASSIGNMENT
PIN No.
ASSIGNMENT
1A
NC
1B
NC
2A
NC
2B
NC
3A
– IN4
3B
– IN4
4A
– 2-WIRE XMTR4
4B
– 2-WIRE XMTR4
5A
+ IN4
5B
+ IN4
6A
+ 2-WIRE XMTR4
6B
+ 2-WIRE XMTR4
7A
– IN3
7B
– IN3
8A
– 2-WIRE XMTR3
8B
– 2-WIRE XMTR3
9A
+ IN3
9B
+ IN3
10A
+ 2-WIRE XMTR3
10B
+ 2-WIRE XMTR3
11A
NC
11B
NC
12A
NC
12B
NC
13A
– IN2
13B
– IN2
14A
– 2-WIRE XMTR2
14B
– 2-WIRE XMTR2
15A
+ IN2
15B
+ IN2
16A
+ 2-WIRE XMTR2
16B
+ 2-WIRE XMTR2
17A
– IN1
17B
– IN1
18A
– 2-WIRE XMTR1
18B
– 2-WIRE XMTR1
19A
+ IN1
19B
+ IN1
20A
+ 2-WIRE XMTR1
20B
+ 2-WIRE XMTR1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com