Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-DA16S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3Y-DA16S/Q
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DA16S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3Y-DA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3Y-DA16
R3Y-DA16 SPECIFICATIONS
ES-8963 Rev.7 Page 1/4
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE INPUT MODULE
(Di 16 points; with excitation supply, connector type)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3Y–DA16[1][2]
ORDERING INFORMATION
• Code number: R3Y-DA16[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3Y-DA16W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 16
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Input to internal bus or internal power
Excitation monitor: Selectable with side DIP switch; ON/OFF
setting available
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with excitation abnormality;
Green in normal operating conditions.
Input status indicator: Red LED; turns on with the input ON.
Read rate: 1 / 5 / 10 / 20 / 50 / 70 / 100 / 200 msec.
selectable with DIP SW
INPUT SPECIFICATIONS
Number of input: 16 points
Isolation: Optical isolator + transformer (internal power
supply)
Input resistance: Approx. 5.9 kΩ
Common: Negative commons, all points
Contact detecting: 13 V DC
(max. 24 V DC with no load)
ON current/resistance: ≥ 1.5 mA, ≤ 1.5 kΩ
OFF current/resistance: ≤ 0.75 mA, ≥ 18 kΩ
Detection levels
ON: ≥ 10 V
OFF: ≤ 4 V
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 1
Current consumption: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)


Similar Part No. - R3Y-DA16S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3Y-DA16A MSYSTEM-R3Y-DA16A Datasheet
132Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
More results

Similar Description - R3Y-DA16S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDAC16A MSYSTEM-R3-SDAC16A Datasheet
217Kb / 8P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDAC16 MSYSTEM-R3-SDAC16 Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3Y-DA16A MSYSTEM-R3Y-DA16A Datasheet
132Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com