Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-DAC16AS/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-DAC16AS/CE
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DAC16AS/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-DAC16AS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DAC16AS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DAC16AS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DAC16AS/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3Y-DA16A
R3Y-DA16A SPECIFICATIONS
ES-8965 Rev.7 Page 3/4
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Input Circuit
DIP SW
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
Excitation
Exc COM
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
COM1
COM1
COM2
COM2
Di 1
Di 16
Di 15
Di 14
Di 13
Di 12
Di 11
Di 10
Di 9
Di 8
Di 7
Di 6
Di 5
Di 4
Di 3
Di 2
Communication
Circuit
Control
Circuit
20A /20B
5A /5B
4A /4B
3A /3B
2A /2B
1A /1B
7A /7B
9A /9B
11A /13B
13A /13B
15A /15B
17A /17B
19A /19B
6A /6B
8A /8B
10A /10B
12A /12B
14A /14B
16A /16B
18A /18B
RUN LED ERR LED
STATUS
INDICATOR LED
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
*For dual redundant communication.
■ Input Circuit
Di 1
Di 16
1
16
24VDC
4A / 4B
3A / 3B
2A / 2B
1A / 1B
20A / 20B
5A / 5B
Control
Circuit
■ Input Connection Examples
10
20
9
Di 1
COM1
COM2
–
+
Di 16
PNP Connection
NPN Connection
1
COM2
COM1
Di 1
COM1
COM2
–
+
Di 16
COM2
COM1
2A/ 2B
1A / 1B
4A / 4B
3A / 3B
20A / 20B
5A / 5B
2A/ 2B
1A / 1B
4A / 4B
3A / 3B
20A / 20B
5A / 5BV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com