Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-US4S/A Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-US4S/A
Description  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4S/A Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-US4S/A Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4S/A Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 1/7
http://www.m-system.co.jp/
Remote I/O R3 Series
UNIVERSAL INPUT MODULE
(4 points, isolated)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3-US4[1][2]
ORDERING INFORMATION
• Code number: R3-US4[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-US4W/A/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
Factory default setting
Input: DC voltage, ±12 V
Temperature unit: °C
Burnout: Upscale
CJC: ON
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Temperature input accuracy
blank: Standard
/A: High accuracy
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8449)
RELATED PRODUCTS
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to internal
bus or internal power
Input range: Selectable with configuration software (model:
R3CON)
Temperature unit (Thermocouple or RTD input): Selectable
with PC configuration software (model: R3CON)
Burnout for T/C and RTD input: Upscale, downscale or no
burnout selectable with PC configurator software
Select “No burnout” to minimize the measuring errors
caused by the sensor/wire resistance and the burnout
sensing current. With RTD input, the signal may go
transiently to the opposite direction from the burnout
setting.
Burnout is not detected at DC voltage or potentiometer
input. The burnout sensing current is turned off.
Cold junction compensation (CJC) for T/C input: CJC is
selectable whether enabled or disabled by using the PC
configurator software. The cold junction sensor is mounted
to the terminal of each channel.
A/D conversion mode: (Temp. input accuracy: standard)
Low or middle conversion rate selectable with PC
configurator software
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/ green) LED;
Red with burnout; Green in normal operating conditions.
INPUT SPECIFICATIONS
■ DC Voltage
Input resistance: ≥ 600 kΩ


Similar Part No. - R3-US4S/A

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
R3-1A05 RAYEX-R3-1A05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-1B05 RAYEX-R3-1B05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-1C05 RAYEX-R3-1C05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-2A05 RAYEX-R3-2A05 Datasheet
1Mb / 2P
R2/R3 SERIES
logo
Trumeter Technologies
R3-4916A TRUMETER-R3-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - R3-US4S/A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4 MSYSTEM-R3-MS4 Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8 MSYSTEM-R3-RS8 Datasheet
140Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3Y-RS8 MSYSTEM-R3Y-RS8 Datasheet
134Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com