Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TS4S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-TS4S/Q
Description  Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TS4S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-TS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-TS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-TS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-TS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-TS4
R3-TS4 SPECIFICATIONS
ES-8362 Rev.15 Page 2/4
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input resistance: 30 kΩ min.
Burnout sensing: 0.1 μA
Temperature range
Max. (upscale) or min. (downscale) value of the usable
range when a burnout is detected.
°C
T/C
USABLE
CONFORMANCE
RANGE
RANGE
K (CA)
-272 to +1472
-150 to +1370
E (CRC)
-272 to +1120
-170 to +1000
J (IC)
-260 to +1300
-180 to +1200
T (CC)
-272 to +500
-170 to +400
B (RH)
24 to 1920
400 to 1760
R
-100 to +1860
200 to 1760
S
-100 to +1860
0 to 1760
C (WRe 5-26)
-52 to +2416
0 to 2315
N
-272 to +1400
-130 to +1300
U
-252 to +700
-200 to +600
L
-252 to +1000
-200 to +900
P (Platinel II)
-52 to +1496
0 to 1395
(PR)
-52 to +1860
0 to 1760
°F
T/C
USABLE
CONFORMANCE
RANGE
RANGE
K (CA)
-458 to +2682
-238 to +2498
E (CRC)
-458 to +2048
-274 to +1832
J (IC)
-436 to +2372
-292 to +2192
T (CC)
-458 to +932
-274 to +752
B (RH)
75 to 3488
752 to 3200
R
-148 to +3380
392 to 3200
S
-148 to +3380
32 to 3200
C (WRe 5-26)
-62 to +4381
32 to 4199
N
-458 to +2552
-202 to +2372
U
-422 to +1292
-328 to +1112
L
-422 to +1832
-328 to +1652
P (Platinel II)
-62 to +2725
32 to 2543
(PR)
-62 to +3380
32 to 3200
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Conversion accuracy: ±1.0°C (±1.8°F) except ±2.0°C
(±3.6°F) for B, R, S, C, PR
Conversion rate: 250 msec. or 1 sec. selectable
Data range
°C, absolute temperature: Engineering unit value × 10
(integer)
°F: Engineering unit value (integer)
Data allocation: 4
Current consumption: 70 mA
Cold junction compensation error:
±1.0°C max. (at 25°C ±10°C)
±1.8°F max. (at 77°F ±18°F)
(±1.5°C or ±2.7°F for R, S, PR)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Burnout response time: ≤ 2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com