Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-SV8CS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-SV8CS
Description  Remote I/O R3 Series DC VOLTAGE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-SV8CS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-SV8CS Datasheet HTML 1Page - M-System Co.,Ltd. R3-SV8CS Datasheet HTML 2Page - M-System Co.,Ltd. R3-SV8CS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R3-SV8C
R3-SV8C SPECIFICATIONS
ES-8423 Rev.7 Page 1/3
http://www.m-system.co.jp/
Remote I/O R3 Series
DC VOLTAGE INPUT MODULE
(8 points, isolated, wide span voltage up to ±50 V)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3-SV8C[1][2]
ORDERING INFORMATION
• Code number: R3-SV8C[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-SV8CW/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
8C: 8 points, wide span voltage up to ±50 V
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8423)
CAUTION
■UNUSED INPUT CHANNELS
Set the unused channels to open. Otherwise, set them as
"Unused" with PC Configurator software: R3CON.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base
(model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to input 5 to
input 6 to input 7 to input 8 to internal bus or internal power
Input range: Selectable with the side DIP SW (per 4
channels)
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input circuit abnormality (AD converter response
failure);
Green in normal operating conditions.
INPUT SPECIFICATIONS
Input: -50 – +50 V, -25 – +25 V, 0 – 50 V, 0 – 25 V
Input resistance: 1 MΩ min.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 250 g (0.55 lb)
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
Data range: 0 – 10000 of the input range
Data allocation: 8
Current consumption: 100 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to input 5 to input 6 to input 7 to
input 8 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
Conversion accuracy
RANGE
RATE
160 msec.
80 msec.
40 msec.
20 msec.
All ranges
±0.1%
±0.2%
±0.4%
±0.8%


Similar Part No. - R3-SV8CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-SV8 MSYSTEM-R3-SV8 Datasheet
127Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3-SV8B MSYSTEM-R3-SV8B Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8BS MSYSTEM-R3-SV8BS Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8BS MSYSTEM-R3-SV8BS Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
More results

Similar Description - R3-SV8CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-SV8 MSYSTEM-R3-SV8 Datasheet
127Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4C MSYSTEM-R3-SV4C Datasheet
119Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4B MSYSTEM-R3-SV4B Datasheet
120Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4 MSYSTEM-R3-SV4 Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SSV8N MSYSTEM-R3-SSV8N Datasheet
152Kb / 5P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8N MSYSTEM-R3-SV8N Datasheet
122Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV8B MSYSTEM-R3-SV8B Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV16N MSYSTEM-R3-SV16N Datasheet
122Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-SV8 MSYSTEM-R3Y-SV8 Datasheet
125Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-SV16 MSYSTEM-R3Y-SV16 Datasheet
126Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com