Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-WT111S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-WT111S/Q
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT111S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-WT111S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT111S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT111S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT111S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT111S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-WT1
R3-WT1 SPECIFICATIONS
ES-8388 Rev.6 Page 2/5
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
• Current Input
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
■ Power Factor Input Range:
-1 – lag 0 – 1 – lead 0 – -1
Data range: -1000 – 0 – 1000 – 0 – -1000 with SW2-1 set to
OFF
A device which employs different measuring methods may
show different outputs from that of M-System's.
■ Frequency Input Range: 45 – 65 Hz
Data range: 4500 – 6500
■ACTIVE / REACTIVE POWER INPUT RANGE
Reactive power is invalid in single-phase systems
•Single-phase/2-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
110V / 1A
±100W
0.2
0.1
110V / 5A
±500W
0.5
220V / 1A
±200W
0.4
0.1
220V / 5A
±1000W
0.5
•Single-phase/3-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
200V / 1A
±200W
0.2/phase
0.1/phase
200V / 5A
±1000W
0.5/phase
•3-phase/3-wire
INPUT
USABLE
BURDEN (VA)
RANGE
VT
CT
110V / 1A
±200W /
lead
200 var
0.1/phase
lag
0.2/phase
110V / 5A
±1000W /
lead 1000 var
0.5/phase
lag
220V / 1A
±400W /
lead
400 var
0.1/phase
lag
0.4/phase
220V / 5A
±2000W /
lead 2000 var
0.5/phase
lag
Reactive power data in Lead: Positive, Lag: Negative
Choose VT and CT ratios so that the calibration range
calculated by the following equation is within the usable
range in the above table.
Calibration Range [W] =
Measuring Wattage [W]
(VT Ratio) × (CT Ratio)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 300 g (0.66 lb)
PERFORMANCE
Accuracy (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Active / reactive power: ±1 %
Power factor: ±2 %
Frequency: ±1 %
Active / reactive energy: ±2 %
Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m)
Conversion rate: 100 msec.
Conversion data: 16 bits / 32 bits
Data allocation: 4, 8 or 16 selectable
Current consumption: 150 mA
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (voltage input to
current input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com