Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-WT112S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-WT112S/Q
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT112S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-WT112S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT112S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT112S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT112S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT112S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-WT1
R3-WT1 SPECIFICATIONS
ES-8388 Rev.6 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
52.5 (2.07)
109 (4.29)
1
2
3
4
5
6
7
8
9
10
10–M3.5
SCREW
POSITIONING
GUIDE
TERMINAL
COVER
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Input Circuit
Control
Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
RUN LED ERR LED DIP SW
VOLTAGE
INPUT
1
3
4
2
LOAD
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
CURRENT
INPUT
5
7
8
6
LOAD
1
2
3
SOURCE
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K
Input Circuit
■ 3-PHASE/3-WIRE
9
10
INTERNAL BUS A
INTERNAL BUS B*
Control
Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
RUN LED ERR LED DIP SW
VOLTAGE
INPUT
1
3
4
2
LOAD
1
2
SOURCE
P2
P1
5
7
8
9
10
6
■ SINGLE-PHASE/2-WIRE
Input Circuit
V
U
v
u
VT
FUSE
CURRENT
INPUT
LOAD
1
2
SOURCE
1L
1S
k
l
L
K
Input Circuit
CT
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com