Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT150-R101-2EP1-IO-V31 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBT150-R101-2EP1-IO-V31
Description  Triangulation sensor (BGS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT150-R101-2EP1-IO-V31 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBT150-R101-2EP1-IO-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO-V31 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
3
6.4
ø 3
.2
(2x)
8
18.3
20.5
6.6
9.85
M8x1
M2 (2x)
Emitter
Receiver
Technical Data
General specifications
Detection range
5 ... 150 mm
Detection range min.
5 ... 25 mm
Detection range max.
5 ... 150 mm
Adjustment range
25 ... 150 mm
Reference target
standard white, 100 mm x 100 mm
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Black/White difference (6 %/90 %)
< 5 % at 150 mm
Diameter of the light spot
approx. 10 mm at a distance of 150 mm
Angle of divergence
approx. 3 °
Ambient light limit
EN 60947-5-2 : 40000 Lux
Functional safety related parameters
MTTFd
600 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO-V31
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com