Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6D-PF1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R6D-PF1-R
Description  Remote I/O R6 Series POWER SUPPLY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6D-PF1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R6D-PF1-R Datasheet HTML 1Page - M-System Co.,Ltd. R6D-PF1-R Datasheet HTML 2Page - M-System Co.,Ltd. R6D-PF1-R Datasheet HTML 3Page - M-System Co.,Ltd. R6D-PF1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R6D-PF1
R6D-PF1 SPECIFICATIONS
ES-7781-AK Rev.2 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
(With the cover open)
Power LED
RUN LED
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
5.9 (.23)
102 (4.02)
5
6
7
8
1
2
3
4
8–M3
EURO TERMINAL
WIRE INSERTION ANGLE: approx. 7°
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
1
4
2
3
POWER LED
RUN LED
NC
NO
COM
5
6
7
8
FG
INTERNAL POWER
INTERNAL BUS
Ry
+
–
POWER INPUT
RUN CONTACT OUTPUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com