Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-NF1/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-NF1/Q
Description  Remote I/O R5 Series T-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NF1/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-NF1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 5Page - M-System Co.,Ltd. R5-NF1/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R5-NF1
R5-NF1 SPECIFICATIONS
ES-6134 Rev.4 Page 1/6
http://www.m-system.co.jp/
Remote I/O R5 Series
T-Link INTERFACE MODULE
(Fuji Electric T-Link use)
36.5 (1.44)
mm (inch)
100
(3.94)
90
(3.54)
3
2
3
2
MODEL: R5-NF1[1]
ORDERING INFORMATION
• Code number: R5-NF1[1]
Specify a code from below for [1].
(e.g. R5-NF1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
T-Link: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG 24 to 12),
stripped length 7 mm)
Internal bus: Via the Installation Base (model: R5-BS)
Internal Power: Via the base (model: R5-BS)
Isolation: T-Link to internal bus or internal power
RUN indicator: Bi-color (green/red) LED; green in normal
communications; red when receiving (Function selected
with DIP SW3)
ERR indicator: Bi-color (green/red) LED; the green ON/blinks
in communication errors; red when transmitting (Function
selected with DIP SW3)
Data allocation: Mode 1 or 2 set with the side DIP switch
DIP SW other functions
· I/O points
· Input or output or I/O mixed
Refer to the instruction manual for details.
T-Link SPECIFICATIONS
Station No. setting: Rotary switch; 00 – 99
Configuration: Multi-drop
Communication: Half-duplex
Baud rate: 500 kbps
Transmission media/distance:
KPEV-SB, 0.75 mm2 × 1 pair, 700 m
T-KPEV-SB, 1.25 mm2 × 1 pair, 1000 m
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (T-Link to internal
bus or internal power)


Similar Part No. - R5-NF1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R5-NC1/Q MSYSTEM-R5-NC1/Q Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R5-NC2 MSYSTEM-R5-NC2 Datasheet
147Kb / 5P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1/Q MSYSTEM-R5-ND1/Q Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
More results

Similar Description - R5-NF1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NF3 MSYSTEM-R3-NF3 Datasheet
193Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF2 MSYSTEM-R3-NF2 Datasheet
156Kb / 5P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1 MSYSTEM-R3-NF1 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R5-NP1 MSYSTEM-R5-NP1 Datasheet
158Kb / 5P
Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
R5-NM1 MSYSTEM-R5-NM1 Datasheet
216Kb / 7P
Remote I/O R5 Series MODBUS INTERFACE MODULE
R5-NE1 MSYSTEM-R5-NE1 Datasheet
223Kb / 6P
Remote I/O R5 Series ETHERNET INTERFACE MODULE
R5-ND2 MSYSTEM-R5-ND2 Datasheet
146Kb / 4P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-NC2 MSYSTEM-R5-NC2 Datasheet
147Kb / 5P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com